Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V37L20PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V37L20PF
Description  HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V37L20PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V37L20PF Datasheet HTML 1Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 2Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 3Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 4Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 5Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 6Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 7Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 8Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IDT70V37L
Preliminary
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Truth Table III – Semaphore Read/Write Control(1)
Truth Table I – Chip Enable(1,2)
NOTES:
1.
Chip Enable references are shown above with the actual
CE0 and CE1 levels; CE is a reference only.
2.
'H' = VIH and 'L' = VIL.
3.
CMOS standby requires 'X' to be either < 0.2V or >VCC-0.2V.
Truth Table II – Non-Contention Read/Write Control
NOTES:
1.
A0L — A14L
≠ A0R — A14R
2. Refer to Truth Table I - Chip Enable.
NOTES:
1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O17). These eight semaphore flags are addressed by A0-A2.
2.
Refer to Truth Table I -
Chip Enable.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X(3)
Port Deselected (CMOS Inactive)
X
(3)
<0.2V
Port Deselected (CMOS Inactive)
4852 tbl 06
Inputs(1)
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
SEM
I/O9-17
I/O0-8
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
L
H
High-Z
DATAOUT
Read Lower Byte Only
LH
L
L
L
H
DATAOUT
DATAOUT
Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
4851 tbl 07
Inputs
(1)
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
SEM
I/O9-17
I/O0-8
HH
L
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
XH
L
H
H
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
XX
X
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
XH
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
L
X
XL
XL
______
______
Not Allowed
LX
X
X
L
L
______
______
Not Allowed
4851 tbl 08


Similar Part No. - IDT70V37L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V37L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com