Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMC-S690 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMC-S690
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMC-S690 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMC-S690 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMC-S690 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Optical Characteristics at T
A = 25ºC
Luminous
Color,
Intensity IV
Peak
Dominant
Viewing
Luminous
(mcd) @ IF =
Wavelength
Wavelength
Angle 2
θ
1/2
Efficacy
20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees [3]
η
V
Part Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
(lm/W)
HSMA-S660
Amber
16.0
65.0
592
590
155
480
HSMA-S670
Amber
16.0
65.0
592
590
165
480
HSMA-S690
Amber
16.0
65.0
592
590
165
480
HSMD-S660
Orange
16.0
65.0
609
605
155
370
HSMD-S670
Orange
16.0
65.0
609
605
165
370
HSMD-S690
Orange
16.0
65.0
609
605
165
370
HSMC-S660
Red
16.0
50.0
630
626
155
197
HSMC-S670
Red
16.0
50.0
630
626
165
197
HSMC-S690
Red
16.0
50.0
630
626
165
197
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical
axis of the lamp package.
2. The dominate wavelength
λd is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Electrical Characteristics at T
A = 25ºC
Forward
Reverse
Voltage VF
Breakdown
Thermal
(Volts) @ IF
VR (Volts) @
Capacitance C
Resistance
= 20 mA
IR = 100 µA
(pF), VF = 0,
R
θ
J-PIN
Part Number
Color
Typ.
Max.
Min.
f = 1 MHz Typ.
(ºC/W)
HSMA-S660
Amber
1.9
2.4
5
45
600
HSMA-S670
Amber
1.9
2.4
5
45
300
HSMA-S690
Amber
1.9
2.4
5
45
300
HSMD-S660
Orange
1.9
2.4
5
45
600
HSMD-S670
Orange
1.9
2.4
5
45
300
HSMD-S690
Orange
1.9
2.4
5
45
300
HSMC-S660
Red
1.9
2.4
5
45
600
HSMC-S670
Red
1.9
2.4
5
45
300
HSMC-S690
Red
1.9
2.4
5
45
300


Similar Part No. - HSMC-S690

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSMC-1-XX-1-GT ADAM-TECH-HSMC-1-XX-1-GT Datasheet
112Kb / 1P
   909 Rahway Avenue
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-J00J1 AVAGO-HSMC-A100-J00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A100-N00H1 BOARDCOM-HSMC-A100-N00H1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMC-S690

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com