Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMX-S690 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMX-S690
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-S690 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSMX-S690 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMX-S690 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 1. Relative Intensity vs. Wavelength.
Figure 3. Relative Luminous Intensity
vs. Forward Current.
Figure 4. Maximum Forward Current
vs. Ambient Temperature.
Figure 2. Forward Current vs.
Forward Voltage.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED
ORANGE
594
607
630
0
20
0.5
0.5
2.0
3.0
3.5
50
5
1
VF – FORWARD VOLTAGE – V
1.5
1.0
2.5
2
10
100
0
1.5
0
10
30
40
50
2.5
2.0
1.0
0.5
IF – DC FORWARD CURRENT – mA
20
0
20
0
20
60
80
100
35
30
15
5
TA – AMBIENT TEMPERATURE – °C
40
25
10
R
θJ-A = 600 °C/W
R
θJ-A = 500 °C/W


Similar Part No. - HSMX-S690

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A3XX-XXXXX AVAGO-HSMX-A3XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
More results

Similar Description - HSMX-S690

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com