Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3200W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3200W
Description  Silicon planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3200W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3200W Datasheet HTML 1Page - Panasonic Semiconductor MA3200W Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IF – VF
VF – Ta
IR – VR
IR – Ta
IZ – VZ
RZ – IZ
Ct – VR
Zener Diodes Composite Elements
MA3200W
10–5
0
0.2
0.4
0.6
0.8
1.0
1.2
10–4
10–3
10–2
10–1
1
Forward voltage
VF (V)
Ta=150˚C
100˚C
–20˚C
25˚C
Ambient temperature
Ta
(˚C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–40
0
40
80
120
160
200
IF=100mA
10mA
3mA
Reverse voltage
VR
(V)
10–10
0
5
10
15
20
25
10–9
10–8
10–7
10–6
Ta=150˚C
25˚C
100˚C
Ambient temperature
Ta (˚C)
0.01
–40
0
40
80
120
160
200
0.1
1
10
100
VR=14V
5V
1V
10–6
16
18
26
20
22
28
24
30
10–5
10–4
10–3
10–2
1
10–1
Ta=–20˚C
150˚C
25˚C 100˚C
Zener voltage
VZ
(V)
Zener current
IZ
(mA)
Ta=25˚C
3
10
100
1000
300
30
3000
0.3
1
0.5
3
30
510
50
Reverse voltage
VR
(V)
0
20
40
0
5
10
15
20
25


Similar Part No. - MA3200W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3200WA PANASONIC-MA3200WA Datasheet
28Kb / 2P
   Silicon planer type
More results

Similar Description - MA3200W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZK270D PANASONIC-MAZK270D Datasheet
18Kb / 1P
   Silicon planer type
MA3082WA PANASONIC-MA3082WA Datasheet
18Kb / 1P
   Silicon planer type
MA3100WA PANASONIC-MA3100WA Datasheet
29Kb / 2P
   Silicon planer type
MA3047W PANASONIC-MA3047W Datasheet
30Kb / 2P
   Silicon planer type
MA4Z082WA PANASONIC-MA4Z082WA Datasheet
26Kb / 2P
   Silicon planer type
MAZE062D PANASONIC-MAZE062D Datasheet
16Kb / 1P
   Silicon planer type
MA3056W PANASONIC-MA3056W Datasheet
19Kb / 1P
   Silicon planer type
MAZC062D PANASONIC-MAZC062D Datasheet
17Kb / 1P
   Silicon planer type
MAZL068D PANASONIC-MAZL068D Datasheet
27Kb / 2P
   Silicon planer type
MA3075WA PANASONIC-MA3075WA Datasheet
28Kb / 2P
   Silicon planer type
MA3075WK PANASONIC-MA3075WK Datasheet
27Kb / 2P
   Silicon planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com