Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL114UA-E Datasheet(PDF) 7 Page - Micronas

Part # HAL114UA-E
Description  Hall Effect Sensor Family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114UA-E Datasheet(HTML) 7 Page - Micronas

Back Button HAL114UA-E Datasheet HTML 3Page - Micronas HAL114UA-E Datasheet HTML 4Page - Micronas HAL114UA-E Datasheet HTML 5Page - Micronas HAL114UA-E Datasheet HTML 6Page - Micronas HAL114UA-E Datasheet HTML 7Page - Micronas HAL114UA-E Datasheet HTML 8Page - Micronas HAL114UA-E Datasheet HTML 9Page - Micronas HAL114UA-E Datasheet HTML 10Page - Micronas HAL114UA-E Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HAL11x
7
Micronas
3.6. Electrical Characteristics at TJ = –40 °C to +140 °C , VDD = 4.5 V to 24 V, as not otherwise specified in Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
6
8.2
11
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
3.9
8.2
12
mA
VOL
Output Voltage over
Temperature Range
3
120
400
mV
IOL = 12.5 mA
VOL
Output Voltage over
Temperature Range
3
190
500
mV
IOL = 20 mA
IOH
Output Leakage Current
3
0.06
1
µA
B < Boff,
TJ = 25 °C, VOH = 0 to 24 V
IOH
Output Leakage Current over
Temperature Range
3
10
µA
B < Boff,
VOH = 0 to 24 V
ten(O)
Enable Time of Output after
Setting of VDD
1
6
10
µs
VDD = 12 V
B > BON + 2 mT or
B < BOFF – 2 mT
tr
Output Rise Time
3
0.08
0.4
µs
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
0.06
0.4
µs
VDD = 12 V, RL = 820 Ohm,
CL = 20 pF
RthJSB
case
SOT-89A
SOT-89B
Thermal Resistance Junction
to Substrate Backside
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5mm,
pad size see Fig. 3–4
RthJA
case
TO-92UA
Thermal Resistance Junction
to Soldering Point
150
200
K/W
Fig. 3–4: Recommended pad size SOT-89x
Dimensions in mm
5.0
2.0
2.0
1.0


Similar Part No. - HAL114UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114UA-E MICRONAS-HAL114UA-E Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
More results

Similar Description - HAL114UA-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com