Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM-5-3.3-D48S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DSM-5-3.3-D48S
Description  Dual Output Mixed Voltage, DSM Models
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DSM-5-3.3-D48S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DSM-5-3.3-D48S Datasheet HTML 1Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 2Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 3Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 4Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 5Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 6Page - List of Unclassifed Manufacturers DSM-5-3.3-D48S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
15W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
XWR Series
4
Absolute Maximum Ratings
Input Voltage:
Continuous:
D12 Models
23 Volts
D24 Models
42 Volts
D48 Models
81 Volts
Transient (100msec): D12 Models
25 Volts
D24 Models
50 Volts
D48 Models
100 Volts
Input Reverse-Polarity Protection:
Input Current must be limited. 1 minute
duration. Fusing recommended.
D12 Models
4 Amps
D24 Models
2 Amps
D48 Models
2 Amps
Output Current
Current limited. Devices can withstand
an indefinite output short circuit.
On/Off Control (Pin 3) Max. Voltages:
Referenced to –Input (pin 2)
No Suffix
+VIN
S Suffix
+5.7 Volts
Storage Temperature
–40 to +120°C
Lead Temperature (Soldering, 10 sec.)
+300°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied, nor recommended.
TECHNICAL NOTES
Trimming Output Voltages
The DSM converters have a trim capability (Pin 9) that allow users to
adjust the output voltages ±5%. A trim adjustment will cause an equal
percentage of change in both outputs. Adjustments to the output voltages
can be accomplished via a trim pot, Figure 2, or a single fixed resistor as
shown in Figures 3 and 4. A single fixed resistor can increase or decrease
the output voltage depending on its connection. Fixed resistors should have
absolute TCR's less than 100ppm/°C to minimize sensitivity to changes in
temperature.
A single resistor connected from the Trim pin (Pin 9) to the +3.3V Output
(Pin 8), see Figure 3, will decrease the output voltages. A resistor connected
from the Trim pin (Pin 9) to Output Return (Pin 7) will increase the output
voltages.
Trim adjustments greater than 5% can have an adverse effect on the convert-
er's performance and is not recommended.
Figure 2. Trim Connections Using A Trimpot
DOWN
3.3 – VO
RT
(kΩ) =
–16.9
2.49(VO – 1.234)
20k
5-22
Turns
+INPUT
+5V OUTPUT
+3.3V OUTPUT
TRIM
OUTPUT
RETURN
–INPUT
CASE
1
2
4
ON/OFF
CONTROL
3
5
9
7
+5V LOAD
+3.3V LOAD
8
+5V LOAD
+3.3V LOAD
R TRIM
DOWN
+INPUT
+5V OUTPUT
+3.3V OUTPUT
TRIM
OUTPUT
RETURN
–INPUT
CASE
1
2
4
ON/OFF
CONTROL
3
5
9
7
8
+5V LOAD
+3.3V LOAD
R TRIM
UP
+INPUT
+5V OUTPUT
+3.3V OUTPUT
TRIM
OUTPUT
RETURN
–INPUT
CASE
1
2
4
ON/OFF
CONTROL
3
5
9
7
8
Figure 3. Decrease Output Voltage Trim Connections
Using A Fixed Resistor
Figure 4. Increase Output Voltage Trim Connections
Using A Fixed Resistor
Accuracy of adjustment is subject to tolerances or resistor values
and factory-adjusted output accuracy.
VO = desired output voltage.
RT
(kΩ) =
UP
VO – 3.3
–16.9
3.073
Ambient Temperature (˚C)
–40
0
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95 100
16
14
12
10
8
6
4
2
0
Output Power vs. Ambient Temperature
VIN = Nominal, Natural Convection Air flow


Similar Part No. - DSM-5-3.3-D48S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DSM-5/2.65-3.3/3-D12-C MURATA-PS-DSM-5/2.65-3.3/3-D12-C Datasheet
301Kb / 9P
   Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
DSM-5/2.65-3.3/3-D24-C MURATA-PS-DSM-5/2.65-3.3/3-D24-C Datasheet
301Kb / 9P
   Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
DSM-5/2.65-3.3/3-D48-C MURATA-PS-DSM-5/2.65-3.3/3-D48-C Datasheet
301Kb / 9P
   Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
More results

Similar Description - DSM-5-3.3-D48S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com