Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL114SF-E Datasheet(PDF) 9 Page - Micronas

Part # HAL114SF-E
Description  Hall Effect Sensor Family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114SF-E Datasheet(HTML) 9 Page - Micronas

Back Button HAL114SF-E Datasheet HTML 5Page - Micronas HAL114SF-E Datasheet HTML 6Page - Micronas HAL114SF-E Datasheet HTML 7Page - Micronas HAL114SF-E Datasheet HTML 8Page - Micronas HAL114SF-E Datasheet HTML 9Page - Micronas HAL114SF-E Datasheet HTML 10Page - Micronas HAL114SF-E Datasheet HTML 11Page - Micronas HAL114SF-E Datasheet HTML 12Page - Micronas HAL114SF-E Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HAL11x
9
Micronas
0
2
4
6
8
10
12
–50
0
50
100
150
°C
mA
TA
IDD
VDD = 24 V
VDD = 4.5 V
Fig. 3–7: Typical supply current
versus temperature
HAL 11x
0
100
200
300
400
500
0
5
10
15
20
25
30 V
mV
VDD
VOL
IO = 12.5 mA
Fig. 3–8: Typical output low voltage
versus supply voltage
TA = –40 °C
TA = 25 °C
TA = 140 °C
HAL 11x
0
100
200
300
400
500
–50
0
50
100
150
mV
TA
VOL
IO = 12.5 mA
IO = 20 mA
°C
VDD = 12 V
Fig. 3–9: Typical output low voltage
versus temperature
HAL 11x
–50
0
50
100
150
µA
TA
IOH
°C
10
0
10
–1
10
–2
10
–3
10
–4
10
1
10
2
VOH = 24 V
VDD = 5 V
Fig. 3–10: Typical output leakage current
versus temperature
HAL 11x


Similar Part No. - HAL114SF-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL114SO-A MICRONAS-HAL114SO-A Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
HAL114SO-C MICRONAS-HAL114SO-C Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
HAL114SO-E MICRONAS-HAL114SO-E Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
More results

Similar Description - HAL114SF-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com