Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1648CGBG Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1648CGBG
Description  Built-in OVP White LED Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1648CGBG Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1648CGBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1648CGBG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC1648
ELECTRICAL CHARACTERISTICS
(VSHDN=3V, VIN=3V, TA=25°C, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum Operating Voltage
VIN
2.5
V
Maximum Operating Voltage
VIN
5.5
V
Switching
1
5
mA
Non switching
70
100
Supply Current
IIN
VSHDN= 0V
0.1
1.0
µA
ERROR AMPLIFIER
Feedback Voltage
VFB
85
95
105
mV
FB Input Bias Current
IFB
VFB=95mV
1
nA
OSCILLATOR
Switching Frequency
fOSC
0.8
1.2
1.6
MHz
Maximum Duty Cycle
DC
85
90
%
POWER SWITCH
SW ON Resistance
RDS(ON)
1.4
5
Switch Leakage Current
ISW(OFF) VSW=33V
0.1
1
µA
CONTROL INPUT
SHDN
Voltage High
VIH
ON
1.5
V
SHDN
Voltage Low
VIL
OFF
0.3
V
OVER VOLTAGE PROTECTION
OVP Input Resistance
ROVP
0.6
1.2
1.8
M
OVP Threshold
VOVP
1V Hysteresis typical
22
27
32
V
Note 1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
3


Similar Part No. - AIC1648CGBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1648CGBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com