Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM7008 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADM7008
Description  Octal Ethernet 10/100M PHY
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADM7008 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADM7008 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
ADMtek Inc.
V1.0
Table of Contents
Chapter 1 Product Overview ........................................................................................ 1-1
1.1
Overview.......................................................................................................... 1-1
1.2
Features............................................................................................................ 1-2
1.3
Block Diagram ................................................................................................. 1-3
1.4
Abbreviations................................................................................................... 1-3
1.5
Conventions ..................................................................................................... 1-5
1.5.1
Data Lengths............................................................................................ 1-5
1.5.2
Register Type Descriptions ...................................................................... 1-5
1.5.3
Pin Type Descriptions.............................................................................. 1-5
Chapter 2 Interface Description................................................................................... 2-1
2.1
Pin Diagram ..................................................................................................... 2-1
2.2
Pin Description................................................................................................. 2-2
2.2.1
Twisted Pair Interface, 32 pins................................................................ 2-2
2.2.2
Ground and Power, 20 pins ..................................................................... 2-2
2.2.3
Mode Setting ............................................................................................ 2-2
2.2.4
Clock Input Select .................................................................................... 2-2
2.2.5
Clock Input, 3 pins ................................................................................... 2-3
2.2.6
RMII/SMII Interface, 48 pins................................................................... 2-3
2.2.7
ATPG Signals, 2 pins ............................................................................. 2-16
2.2.8
Reset Pin ................................................................................................ 2-16
2.2.9
Control Signals, 3 pins........................................................................... 2-16
2.2.10
LED Interface, 2 pins............................................................................. 2-17
2.2.11
Regulator Control, 2 pins ...................................................................... 2-17
2.2.12
Digital Power/Ground, 13 pins.............................................................. 2-17
Chapter 3 Function Description ................................................................................... 3-1
3.1
10/100M PHY Block ....................................................................................... 3-2
3.1.1
100Base-X Module................................................................................... 3-2
3.1.2
100Base-TX Receiver............................................................................... 3-2
3.1.3
100Base-TX Transmitter.......................................................................... 3-7
3.1.4
100Base-FX Receiver............................................................................... 3-7
3.1.5
100Base-FX Transmitter.......................................................................... 3-8
3.1.6
10Base-T Module ..................................................................................... 3-8
3.1.7
Operation Modes ..................................................................................... 3-8
3.1.8
Manchester Encoder/Decoder ................................................................. 3-8
3.1.9
Transmit Driver and Receiver ................................................................. 3-9
3.1.10
Smart Squelch .......................................................................................... 3-9
3.1.11
Carrier Sense ........................................................................................... 3-9
3.1.12
Collision Detection ................................................................................ 3-10
3.1.13
Jabber Function..................................................................................... 3-10
3.1.14
Link Test Function ................................................................................. 3-10
3.1.15
Automatic Link Polarity Detection ........................................................ 3-11
3.1.16
Clock Synthesizer................................................................................... 3-11
3.1.17
Cable Broken Auto Detection ................................................................ 3-11
3.1.18
Auto Negotiation .................................................................................... 3-12
ADM7008
i
3.1.19
Auto Negotiation and Speed Configuration........................................... 3-13


Similar Part No. - ADM7008

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
ADM700X INFINEON-ADM700X Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results

Similar Description - ADM7008

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Realtek Semiconductor C...
RTL8152B-VB-CG REALTEK-RTL8152B-VB-CG Datasheet
515Kb / 27P
   INTEGRATED 10/100M ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11015 ASIX-AX11015 Datasheet
165Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com