Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3470ITS8 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT3470ITS8
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3470ITS8 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT3470ITS8 Datasheet HTML 6Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 7Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 8Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 9Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 10Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 11Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 12Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 13Page - Linear Integrated Systems LT3470ITS8 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3470
3470f
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT3470. Not all ceramic capacitors are
suitable. X5R and X7R types are stable over temperature
and applied voltage and give dependable service. Other
types, including Y5V and Z5U have very large temperature
and voltage coefficients of capacitance. In an application
circuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are piezoelectric. The LT3470’s switch-
ing frequency depends on the load current, and at light
loads the LT3470 can excite the ceramic capacitor at audio
frequencies, generating audible noise. Since the LT3470
operates at a lower current limit during BurstMode opera-
tion, the noise is typically very quiet to a casual ear. If this
audible noise is unacceptable, use a high performance
electrolytic capacitor at the output. The input capacitor can
be a parallel combination of a 2.2µF ceramic capacitor and
a low cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT3470. A ce-
ramic input capacitor combined with trace or cable induc-
tance forms a high quality (under damped) tank circuit. If
the LT3470 circuit is plugged into a live supply, the input
voltage can ring to twice its nominal value, possibly
exceeding the LT3470’s rating. This situation is easily
avoided; see the Hot Plugging Safely section.
BOOST and BIAS Pin Considerations
Capacitor C3 and the internal boost Schottky diode (see
Block Diagram) are used to generate a boost voltage that
is higher than the input voltage. In most cases a 0.22µF
capacitor will work well. Figure 2 shows two ways to
arrange the boost circuit. The BOOST pin must be more
than 2.5V above the SW pin for best efficiency. For outputs
of 3.3V and above, the standard circuit (Figure 2a) is best.
For outputs between 2.5V and 3V, use a 0.47µF. For lower
output voltages the boost diode can be tied to the input
Table 3. Capacitor Vendors
Vendor
Phone
URL
Part Series
Comments
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
EEF Series
Tantalum
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
POSCAP
Tantalum
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
VIN
BOOST
LT3470
(2a)
(2b)
SW
36
5
7
4
C3
0.22µF
VIN
VOUT
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
BIAS
GND
VIN
BOOST
LT3470
SW
BIAS
36
5
7
4
C3
0.22µF
VIN
VOUT
3470 F02
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
GND
Figure 2. Two Circuits for Generating the Boost Voltage
APPLICATIO S I FOR ATIO


Similar Part No. - LT3470ITS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470ITS8 LINER-LT3470ITS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470ITS8 LINEAR-LT3470ITS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results

Similar Description - LT3470ITS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com