Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLGO0CXB9 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLGO0CXB9
Description  High-Intensity Orange LED in Plastic T-1쩐 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLGO0CXB9 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLGO0CXB9 Datasheet HTML 1Page - OPTEK Technologies OVLGO0CXB9 Datasheet HTML 2Page - OPTEK Technologies OVLGO0CXB9 Datasheet HTML 3Page - OPTEK Technologies OVLGO0CXB9 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
T-1¾ High-Intensity Orange LED
OVLGO0CxB9
Absolute Maximum Ratings
TA = 25oC unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +85 °C
Reverse Voltage
5 V
Continuous Forward Current2
50 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
120 mW
2000 V
Electrostatic Discharge
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
260 °C
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Electrical Characteristics
TA = 25oC unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
x = 6
6300
10000
----
mcd
IF = 20mA
7
8000
12500
----
8
10000
16000
----
VF
Forward Voltage
----
2.0
2.4
V
IF = 20mA
IR
Reverse Current
----
----
10
µA
VR = 5V
P
Peak Wavelength
----
621
----
nm
IF = 20mA
D
Dominant Wavelength
----
615
----
nm
IF = 20mA
2 ½H-H
50% Power Angle
----
6
----
deg
IF = 20mA


Similar Part No. - OVLGO0CXB9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
More results

Similar Description - OVLGO0CXB9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
OVLGB0C6B9 TTELEC-OVLGB0C6B9 Datasheet
673Kb / 6P
   High-Intensity LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGY0CXB9 OPTEK-OVLGY0CXB9 Datasheet
974Kb / 4P
   High-Intensity Yellow LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGG0CXB9 TTELEC-OVLGG0CXB9 Datasheet
981Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGS0CXB9 OPTEK-OVLGS0CXB9 Datasheet
973Kb / 4P
   High-Intensity Red LED in Plastic T-1쩐 Package
OVLGB0CXB9 OPTEK-OVLGB0CXB9 Datasheet
974Kb / 4P
   High-Intensity Blue LED in Plastic T-1쩐 Package
OVLGG0CXB9 OPTEK-OVLGG0CXB9 Datasheet
976Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
Avic Technology
OVLGC0CXB9 AVICTEK-OVLGC0CXB9 Datasheet
976Kb / 4P
   High-Intensity Blue-Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGJ0C3B9 OPTEK-OVLGJ0C3B9 Datasheet
907Kb / 3P
   High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGJ0C3B9 TTELEC-OVLGJ0C3B9 Datasheet
987Kb / 4P
   High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com