Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLFR3C7 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVLFR3C7
Description  Round Red Through-hole LED Lamp (5 mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLFR3C7 Datasheet(HTML) 4 Page - OPTEK Technologies

  OVLFR3C7 Datasheet HTML 1Page - OPTEK Technologies OVLFR3C7 Datasheet HTML 2Page - OPTEK Technologies OVLFR3C7 Datasheet HTML 3Page - OPTEK Technologies OVLFR3C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 4 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Carrier Tape Dimensions: Loaded quantity 1000 pieces per reel
Round Red Through-hole LED (5 mm)
OVLFR3C7
Moisture Resistant Packaging
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
Packing Information: Available in bulk or reel
Bulk: 500 pcs/bag
13-inch reel: 1000 pcs/reel


Similar Part No. - OVLFR3C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLFR3C7 TTELEC-OVLFR3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
More results

Similar Description - OVLFR3C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLFB3C7 OPTEK-OVLFB3C7 Datasheet
1Mb / 4P
   Round Blue Through-hole LED Lamp (5 mm)
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
   Round Green Through-hole LED Lamp (5 mm)
OVLFY3C7 OPTEK-OVLFY3C7 Datasheet
1Mb / 4P
   Round Yellow Through-hole LED Lamp (5 mm)
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
logo
Inolux Corporation
INL-5AX30 INOLUX-INL-5AX30 Datasheet
1Mb / 12P
   5 mm Through Hole Lamp
logo
OPTEK Technologies
OVLHRKD8 OPTEK-OVLHRKD8 Datasheet
604Kb / 3P
   Oval Red LED Lamp (5 mm)
logo
Broadcom Corporation.
HR5P-N4CA-00000 BOARDCOM-HR5P-N4CA-00000 Datasheet
436Kb / 6P
   5-mm Round Infrared LED Lamp
May 22, 2020
logo
OPTEK Technologies
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com