Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLBG4C7 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVLBG4C7
Description  Round Green Through-hole LEDLamp (3mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLBG4C7 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVLBG4C7 Datasheet HTML 1Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 2Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 3Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 4Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Issue 1.0
0705
Page 5
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue
Change Description
Approval
Date
1.0
Initial Release
J. Haynie
7/28/05
Round Green Through-hole LED (3mm)
OVLBG4C7


Similar Part No. - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLBG4C7 TTELEC-OVLBG4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
More results

Similar Description - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03_14 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
   Round Yellow Through-hole LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
logo
P-tec Corporation
PL03F-WCW24 P-TEC-PL03F-WCW24_14 Datasheet
1Mb / 6P
   3mm Round Thru-Hole LED
logo
OptoSupply Internationa...
OSG7NU3131A OPTOSUPPLY-OSG7NU3131A Datasheet
124Kb / 1P
   3mm Round Grass Green LED
OSG7NU3131A_VER.A.2 OPTOSUPPLY-OSG7NU3131A_VER.A.2 Datasheet
124Kb / 1P
   3mm round grass green led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com