Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65665 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M65665
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65665 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M65665 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M65665SP/FP
MITSUBISHI DIGITAL TV ICs
SIGNAL PROCESSING
BASIC APPLICATION EXAMPLE
Ana.
Analog GND
Digital +3.3V power supply
Digital GND
Analog +3.3V power supply
Dig.
PIP Y or R output
IIC BUS Clock input
IIC BUS DATA input /output
PIP U or G output
PIP V or B output
Main VD input
Main HD input
PIP SW output
Sub C(Y/C) input
< NTSC only application example >
< NTSC / PAL-M / PAL-N application example >
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
10
17
18
19
20
21
22
23
24
25
26
0.01µ
0.01µ
0.01µ
0.01µ
0.22µ
0.033µ
0.22µ
10µ
X1
X1 : 14.31818MHz
10K
5M
12K
0V
5V
(3.3V recommended)
0V
0V
3.3V
0.66V(max) 1.0V(max)
12~ 36p
5V
(3.3V recommended)
0.7V (typ)
0.7V (typ)
0V
3.3V
15 pin input when CSYNC of
sub picture is fed from external
0
Sub V input
Sub U input
Sub Y(YUV) input
Sub CVBS and Y(Y/C) input
0.1µ
OSD R input
OSD G input
PIP Y or R output
IIC BUS Clock input
PIP U or G output
PIP V or B output
Main VD input
Main HD input
PIP SW output
Sub C(Y/C) input
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
10
17
18
19
20
21
22
23
24
25
26
0.01µ
0.01µ
0.01µ
0.01µ
0.22µ
0.033µ
0.22µ
10µ
X1
X1 : 14.31818MHz
X2 : 14.30244MHz
X3 : 14.328MHz
10K
5M
12K
0V
5V
(3.3V recommended)
0V
0V
3.3V
0.66V(max)
1.0V(max)
12~ 36p
5V
(3.3V recommended)
0.7V (typ)
0.7V (typ)
0V
3.3V
15 pin input when CSYNC of
sub picture is fed from external
0
OSD B input
OSD selection input
Sub V input
Sub U input
Sub Y(YUV) input
Sub CVBS and Y(Y/C) input
0.1µ
X2
12~ 36p
0
X3
12~ 36p
0
IIC BUS DATA input /output
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0.1µ
0V
3.3V
2 pin input level
MITSUBISHI
ELECTRIC
6
PICTURE-IN-PICTURE


Similar Part No. - M65665

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CSP RENESAS-M65665CSP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65665

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com