Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV2951 Datasheet(PDF) 7 Page - Avic Technology

Part # AV2951
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2951 Datasheet(HTML) 7 Page - Avic Technology

  AV2951 Datasheet HTML 1Page - Avic Technology AV2951 Datasheet HTML 2Page - Avic Technology AV2951 Datasheet HTML 3Page - Avic Technology AV2951 Datasheet HTML 4Page - Avic Technology AV2951 Datasheet HTML 5Page - Avic Technology AV2951 Datasheet HTML 6Page - Avic Technology AV2951 Datasheet HTML 7Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
QW-R102-001,G
TYPICAL PERFORMANCE CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.
1
2
34
56
0
0
1
2
3
4
5
6
Fig.4 Dropout Characteristics
INPUT VOLTAGE(V)
RL=50k
RL=50
0 1
2
3 4
5 6
7 8
9 10 11 12
0
10
20
30
40
50
60
70
80
90
100
120
110
130
140
150
Fig.5 Input Current
INPUT VOLTAGE(V)
RL=50Ω
50
60
70
80
90
100
110
120
-75 -50 -25
0
25
50 75
100 125 150
Fig. 7 Ground Pin Current
TEMPERATURE(°C)?
VIN=6V
IL=100
µA
-75 -50 -25
0
25
50 75
100 125 150
4
5
6
7
8
TEMPERATURE(°C)?
Fig. 8 Ground Pin Current
V IN=6V
IL=100mA
-75 -50 -25
0
25
50 75
100 125 150
100
110
120
130
140
150
160
170
TEMPERATURE(°C)?
Fig. 10 Short Circuit Current
-75 -50 -25
0
25
50 75
100 125 150
0
50
100
300
400
500
600
TEMPERATURE(°C)?
Fig. 6 Dropout Voltage
IL=100mA
IL=100
µA
-75 -50 -25
0
25
50 75
100 125 150
TEMPERATURE(°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 9 Shutdown Threshold Voltage
0.1
1
10
100
0
100
200
300
400
500
Fig. 11 Dropout Voltage
OUTPUT CURRENT(mA)
@vic AV2950/2951
LINEAR INTEGRATED CIRCUIT


Similar Part No. - AV2951

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2907 AVICTEK-AV2907 Datasheet
205Kb / 4P
   Amplifier Transistor PNP Silicon
More results

Similar Description - AV2951

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com