Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV2950-2.5 Datasheet(PDF) 2 Page - Avic Technology

Part # AV2950-2.5
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2950-2.5 Datasheet(HTML) 2 Page - Avic Technology

  AV2950-2.5 Datasheet HTML 1Page - Avic Technology AV2950-2.5 Datasheet HTML 2Page - Avic Technology AV2950-2.5 Datasheet HTML 3Page - Avic Technology AV2950-2.5 Datasheet HTML 4Page - Avic Technology AV2950-2.5 Datasheet HTML 5Page - Avic Technology AV2950-2.5 Datasheet HTML 6Page - Avic Technology AV2950-2.5 Datasheet HTML 7Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QW-R102-001,G
PIN CONFIGURATIONS
2
1
3
OUTPUT
GND
INPUT
UTC
AV2950
TO-92 Plastic Package
Bottom View
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
5V TAP
SHUTDOWN
SENSE
OUTPU
T
AV2951
2951
GND
ERROR
SOP-8 OR DIP-8 PACKAGE
FOR
@vic AV2951
1
2
3
4
8
7
6
5
INPUT
NC
NC
SHUTDOWN
NC
OUTPUT
AV2950
2
GND
ERROR
SOP-8 OR DIP-8 PACKAGE
FOR
@vic AV2950
Fig.1
@vic AV2950/2951
LINEAR INTEGRATED CIRCUIT


Similar Part No. - AV2950-2.5

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2907 AVICTEK-AV2907 Datasheet
205Kb / 4P
   Amplifier Transistor PNP Silicon
More results

Similar Description - AV2950-2.5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com