Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV2950-2.5 Datasheet(PDF) 4 Page - Avic Technology

Part # AV2950-2.5
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2950-2.5 Datasheet(HTML) 4 Page - Avic Technology

  AV2950-2.5 Datasheet HTML 1Page - Avic Technology AV2950-2.5 Datasheet HTML 2Page - Avic Technology AV2950-2.5 Datasheet HTML 3Page - Avic Technology AV2950-2.5 Datasheet HTML 4Page - Avic Technology AV2950-2.5 Datasheet HTML 5Page - Avic Technology AV2950-2.5 Datasheet HTML 6Page - Avic Technology AV2950-2.5 Datasheet HTML 7Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
QW-R102-001,G
ELECTRICAL CHARACTERISTICS
(Tested at Tj=25
°C, VIN=6V, IL=100µA and CL=1µF, unless otherwise specified)
PARAMETER
PART NUMBER
TEST CONDITION
MIN
TYP
MAX
UNIT
AV
2950-2.5
AV
2950-3.0
AV
2950-3.3
AV
2950-3.6
AV
2950-5.0
AV
2951
TJ=25
°C
(note 1)
2.45
2.94
3.23
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.55
3.06
3.36
3.67
5.10
V
Output Voltage
AV
2950-2.5
AV
2950-3.0
AV
2950-3.3
AV
2950-3.6
AV
2950-5.0
AV
2951
-25
°C≦TJ≦+85°C
(note 1)
2.45
2.94
3.23
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.55
3.06
3.36
3.67
5.10
V
Output Voltage
AV
2950-2.5
AV2950-3.0
AV2950-3.3
AV2950-3.6
AV2950-5.0
AV2951
100
µA≦IL≦100 mA
Tj<=Tj(max)
(note 1)
2.45
2.94
3.23
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.55
3.06
3.36
3.67
5.10
V
Output Voltage
Temperature Coefficient
20
100
ppm/
°C
Line Regulation
6V≦VIN≦30V
0.03
0.1
0.2
%
Load Regulation
100
µA≦IL≦100 mA
0.04
0.1
0.2
%
Dropout Voltage
IL=100
µA
IL=100mA (note 2)
50
380
80
450
150
600
mV
Ground Current
IL=100
µA
IL=100mA
75
8
120
12
140
14
µA
mA
Dropout Ground Current
VIN=4.5V,IL=100
µA
110
170
200
µA
Current Limit
Vout=0
160
200
220
mA
Output Noise
10Hz ~ 100KHz
CL=1
µF
CL=200
µF
CL=3.3
µF
(Bypass=0.01
µF
pins 7 to (
utc2951))
430
160
100
µV
For LP2951 8-Pin version only
Reference Voltage
1.22
1.235
1.25
V
Reference Voltage
(Note 4)
1.19
1.27
V
Feedback pin Bias Current
20
40
nA
Reference Voltage
Temperature Coefficient
50
ppm/
°C
Feedback Bias Current
temperature Coefficient
0.1
nA/
°C
Error Comparator
Output Leakage Current
VOH=30V
1
µA
Output Low Voltage
VIN=4.5V, IOL=400
µA
250
mV
Upper Threshold Voltage
(Note 3)
3.2
%VO
Lower Threshold Voltage
(Note 3)
7.6
%VO
Hysteresis
(Note 3)
15
mV
@vic AV2950/2951
LINEAR INTEGRATED CIRCUIT


Similar Part No. - AV2950-2.5

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2907 AVICTEK-AV2907 Datasheet
205Kb / 4P
   Amplifier Transistor PNP Silicon
More results

Similar Description - AV2950-2.5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com