Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV1084S3 Datasheet(PDF) 6 Page - Avic Technology

Part # AV1084S3
Description  5A Adjustable Low Dropout Linear Regulator (LDO)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV1084S3 Datasheet(HTML) 6 Page - Avic Technology

  AV1084S3 Datasheet HTML 1Page - Avic Technology AV1084S3 Datasheet HTML 2Page - Avic Technology AV1084S3 Datasheet HTML 3Page - Avic Technology AV1084S3 Datasheet HTML 4Page - Avic Technology AV1084S3 Datasheet HTML 5Page - Avic Technology AV1084S3 Datasheet HTML 6Page - Avic Technology AV1084S3 Datasheet HTML 7Page - Avic Technology AV1084S3 Datasheet HTML 8Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AV
1084
TO-252, 263, 220
@vic
6
5A Adjustable Low Dropout
Linear Regulator (LDO)
MAY-31-2001
TO-263 (D2PAK) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
1.4
F
-0.102
0.203
M
4.83
5.08
5.33
G
8.5
9
9.5
N


Similar Part No. - AV1084S3

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
AV1085D AVICTEK-AV1085D Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
AV1085S AVICTEK-AV1085S Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
AV1085S3 AVICTEK-AV1085S3 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - AV1084S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com