Electronic Components Datasheet Search |
|
ADSP-TS201S Datasheet(PDF) 6 Page - Analog Devices |
|
ADSP-TS201S Datasheet(HTML) 6 Page - Analog Devices |
6 / 40 page Rev. PrH | Page 6 of 40 | December 2003 ADSP-TS201S Preliminary Technical Data EXTERNAL PORT (OFF-CHIP MEMORY/PERIPHERALS INTERFACE) The ADSP-TS201S processor’s external port provides the DSP’s interface to off-chip memory and peripherals. The 4G word address space is included in the DSP’s unified address space. The separate on-chip buses—four 128-bit data buses and four 32-bit address buses—are multiplexed at the SOC interface and transferred to the external port over the SOC bus to create an external system bus transaction. The external system bus pro- vides a single 64-bit data bus and a single 32-bit address bus. The external port supports data transfer rates of 1G bytes per second over the external bus. The external bus can be configured for 32- or 64-bit, little- endian operations. When the system bus is configured for 64-bit operations, the lower 32 bits of the external data bus connect to even addresses, and the upper 32 bits connect to odd addresses. The external port supports pipelined, slow, and SDRAM proto- cols. Addressing of external memory devices and memory- mapped peripherals is facilitated by on-chip decoding of high- order address lines to generate memory bank select signals. The ADSP-TS201S processor provides programmable memory, pipeline depth, and idle cycle for synchronous accesses, and external acknowledge controls to support interfacing to pipe- lined or slow devices, host processors, and other memory- mapped peripherals with variable access, hold, and disable time requirements. Host Interface The ADSP-TS201S processor provides an easy and configurable interface between its external bus and host processors through the external port. To accommodate a variety of host processors, Figure 3. ADSP-TS201S Memory Map RESERVED RESERVED INTERNAL REGISTERS (UREG S) INTERNAL MEMO RY BLOCK 4 INTERNAL MEMORY BLOCK 2 INTERNAL MEMORY BLOCK 0 0x03FFFFFF 0X001E0000 0x001E03FF 0x000DFFFF 0x000C0000 0x0009FFFF 0x00080000 0x0005FFFF 0x00040000 0x0001FFFF 0x00000000 INTERNAL SPACE PROCESSO R ID 7 PROCESSO R ID 6 PROCESSO R ID 5 PROCESSO R ID 4 PROCESSO R ID 3 PROCESSO R ID 2 PROCESSO R ID 1 PROCESSO R ID 0 BROADCAST HOST ( MSH) BANK 1 ( MS1) BANK 0 ( MS0) MSSD BANK 0 ( MSSD0) INTERNAL MEMORY 0x50000000 0x40000000 0x38000000 0x30000000 0x2C000000 0x28000000 0x24000000 0x20000000 0x1C000000 0x18000000 0x14000000 0x10000000 0X0C000000 0x03FFFFFF 0x00000000 GLOBAL SPACE 0xFFFFFFFF EACH IS A COPY OF INTERNAL SPACE RESERVED INTERNAL MEMO RY BLOCK 6 INTERNAL MEMO RY BLOCK 8 0x0011FFFF 0x00100000 INTERNAL MEMO RY BL OCK 10 0x0015FFFF 0x00140000 RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED SOC REGISTERS (UREGS) 0X001F0000 0x001F03FF MSSD BANK 1 ( MSSD1) MSSD BANK 2 ( MSSD2) MSSD BANK 3 ( MSSD3) 0x60000000 0x70000000 0x80000000 RESERVED RESERVED RESERVED RESERVED 0x54000000 0x44000000 0x64000000 0x74000000 |
Similar Part No. - ADSP-TS201S |
|
Similar Description - ADSP-TS201S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |