Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8500AGIT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM8500AGIT
Description  3A BUS TERMINATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8500AGIT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM8500AGIT Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 8Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 9Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 10Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 11Page - List of Unclassifed Manufacturers CM8500AGIT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CM8500A
3A BUS TERMINATOR
CM8500ATEVAL PCB LAYOUT
Figure 4. CM8500AEVAL PCB Layout
SSTL-2 SPECIFICATIONS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VDD
Device Supply Voltage
VDDQ
N/A
V
VDDQ
Output Supply Voltage
2.3
2.5
2.7
V
VREF
Input Reference Voltage
1.15
1.25
1.35
V
VTT
Termination Voltage
VREF - 0.04
VREF
VREF + 0.04
V
INPUT DC LOGIC LEVELS
VIH (DC)
DC Input Logic High
VREF + 0.18
VDDQ + 0.3
V
VIL (DC)
DC Input Logic Low
- 0.3
VREF - 0.18
V
INPUT AC LOGIC LEVELS
VIH (AC)
AC Input Logic High
VREF + 0.35
V
VIL (AC)
AC Input Logic Low
VREF - 0.35
V
OUTPUT DC CURRENT DRIVE
IOH (DC)
Output Minimum Source DC Current
- 15.2
mA
IOL (DC)
Output Minimum Sink DC Current
15.2
mA
Notes:
VREF and VTT must track variations in VDDQ
Peak-to-peak AC noise on VREF may not exceed ±2% VREF (DC)
VTT of transmitting device must track VREF of receiving device
Table 1. Key Specifications for SSTL_2
2004/12/20
Champion Microelectronic Corporation
Page 8


Similar Part No. - CM8500AGIT

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8500AGIT CHAMP-CM8500AGIT Datasheet
446Kb / 13P
   3A BUS TERMINATOR
More results

Similar Description - CM8500AGIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
logo
Champion Microelectroni...
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
logo
Micrel Semiconductor
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
   3A High-Speed Low VIN DDR Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com