Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVTL09LGAX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVTL09LGAX
Description  10-Watt Lednium SMD Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LGAX Datasheet(HTML) 2 Page - OPTEK Technologies

  OVTL09LGAX Datasheet HTML 1Page - OPTEK Technologies OVTL09LGAX Datasheet HTML 2Page - OPTEK Technologies OVTL09LGAX Datasheet HTML 3Page - OPTEK Technologies OVTL09LGAX Datasheet HTML 4Page - OPTEK Technologies OVTL09LGAX Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A.2 01/06
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
10-Watt Lednium Surface Mount Series
OVTL09LGAX
Absolute Maximum Ratings
Electrical Characteristics (IF = 600 mA, TJ = 25°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
6.3
6.4
6.5
V
Forward Voltage (Blue)
8.9
9.1
9.25
V
Forward Voltage (Green)
9.75
9.9
10.1
V
Forward Voltage (Red)
6.0
6.1
6.2
V
Forward Voltage (White)
8.9
9.1
9.25
V
VF Temperature Co-efficient (Amber, Red)
----
-6.0
----
mV/°C
VF Temperature Co-efficient (White, Blue)
----
-4.8
----
mV/°C
VF Temperature Co-efficient (Green)
----
-5.0
----
mV/°C
2 ½
50% Power Angle
----
120
----
deg
Forward Voltage (Red/Green/Blue)
8.4
8.6
8.8
V
DC Forward Current
1.05 A
Peak Pulsed Forward Current1
3 A
Reverse Voltage
15 V
Maximum Allowable Junction Temperature2
130°C
Storage and Operating Temperature
-50°~ +80 °C
Notes:
1. Pulse width 1 ms maximum, duty cycle 1/16.
2. Thermal resistance junction to board (TJB) is 5°C/W.
Optical Characteristics (IF = 1.05 A, TJ = 25°C, 2 ½ = 120°)
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH-
HALF-MAXIMUM
MIN
TYP
MAX
Amber
594
595
596
16 nm
0.08 nm/°C
Blue
466
467
468
24 nm
0.05 nm/°C
Green
523
524
526
40 nm
0.04 nm/°C
Red
623
624
625
18 nm
0.05 nm/°C
White
N/A
N/A
N/A
N/A
N/A
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips.
Typically, the lumen output of these chips can be as high as 70% after 50,000 hours of operation. This
prediction is based on specific test results and on tests on similar materials, and relies on strict
observation of the design limits and ratings included in this data sheet.


Similar Part No. - OVTL09LGAX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
More results

Similar Description - OVTL09LGAX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3X TTELEC-OVTL09LG3X Datasheet
1Mb / 14P
   Lednium Series Optimal X
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
   Lednium Series Optimal I
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
   TEL 10 Series, 10 Watt
Rev. March 6, 2023
logo
Power-One
IWS505 POWER-ONE-IWS505 Datasheet
111Kb / 3P
   IWS SERIES - 10 WATT
logo
Volgen Kaga Electronics...
KTPS10-03320WA VOLGEN-KTPS10-03320WA Datasheet
4Mb / 1P
   Volgen 10 Watt Series
logo
TRACO Electronic AG
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
   TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
   TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com