Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65665FP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M65665FP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65665FP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M65665FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
M65665SP/FP
MITSUBISHI DIGITAL TV ICs
SIGNAL PROCESSING
Driv ing Method and Operating Specif ication f or Serial Interf ace Data
(1) Serial data transmission completion and start
A low-to-high transition of the DATA (serial data) line while the CLK (serial clock) is high, that completes the serial transmission and makes the
bus free.
A high-to-low transition of the DATA line while the CLK is high, that starts the serial transmission and waits for the following CLK and DATA
inputs.
(2) Serial data transmission
The data are transmitted in the most significant bit (MSB) first by one-byte unit on the DATA line successively. One-byte data transmission is
completed by 9 clock cycles, the former 8 cycles are for address/data and the latter one is for acknowledge detection. (In reading state, ACK is 'H'
under these two conditions ; 1) the coincidence of two address data for the address data transmission, 2) the completion of 8-bit setting data
transfer. In writing state, ACK is 'H' with the address coincidence and ACK is 'L' for detecting acknowledge input from the master (micro
processor) after sending 8-bit setting data.)
For address/data transmission, DATA must change while CLK is 'L'. (The data change while CLK is 'H' or the simultaneous change of CLK and
DATA, that will be a false operation because of undistinguished condition from the completion/start of serial data transfer).
After the beginning of serial data transmission, the total number of data bytes that can be transferred are not limited.
(3) The byte format of data transmission (The sequence of data transmission)
a. The byte format during data setting to M65665FP are shown as follows.
In right after the forming of serial data transmitting state, the slave address 24h (00100100b) is transferred. Afterwards, the internal register
address (1 byte) and setting data (by 1 byte unit) are transferred successively. Several bytes of setting data can be handled in the one
transmission. In this operation, the setting data are written into the address register whose address is increased one in initially transferred internal
register address.
b. The byte format during data reading from M65665FP are shown as follows.
Before data reading from M65665FP, whose internal address need to be set by the data reading/transmitting. After the data reading/transmitting,
the operation of "serial data transmission completion and start" (described in (1)) is necessary. Continuously, the slave address 25h (00100101b)
is sent, and then the inverted read out data are available on ACK. Several bytes of writing data can be handled in the one transmission, too. In this
operation, the setting data also are written into the address register whose address is increased one in initially transferred internal register address.
The relation of input signal 32-pin (Main-HD) and 33-pin (Main-VD) is shown below
32-pin
input
(Main-HD)
33-pin input
(Main-VD)
[Even to Odd]
+10usec
-10usec
+21.75usec
+41.75usec
33-pin input
(Main-VD)
[Odd to Even]
0
+53.5usec
20us
20us
20us
20us
20us
20us
20us
37.5us
20us
20us
20us
20us
20us
4H
1H
end of vertical equalization pulse
VD input
VD input
prohibition time of
changing 33-pin signal
MITSUBISHI
ELECTRIC
10
PICTURE-IN-PICTURE


Similar Part No. - M65665FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CSP RENESAS-M65665CSP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65665FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com