Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR2101 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPR2101
Description  Six Element Photodiode Array in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPR2101 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPR2101 Datasheet HTML 1Page - OPTEK Technologies OPR2101 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Six Element Photodiode Array in
SMD Hybrid Package
OPR2101
Six PIN photodiode array
SMD chip carrier
Wide operating temperature range
Low leakage current
Closely matched responsivity between elements
The OPR2101 is a six element photodiode array packaged in a high temperature SMD chip carrier. Designed spe-
cifically for industrial encoder applications, this device’s small size, temperature range, and low leakage current
make it the ideal choice for extreme operating conditions.
The photodiodes are mounted on isolated cathode contacts to allow external connection in any desired configura-
tion. The opaque package material shields the photodiodes from stray light and can withstand multiple exposures
to temperature excursions. The package has gold plated solder contacts with exception storage and solderability
characteristics.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Electrical Characteristics (T
A = 25
°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-55° C to +125° C
Operating Temperature Range
-55° C to +125° C
Lead Soldering Temperature [Vapor phase reflow for 30 seconds]
235° C(1)
Reverse Voltage
25V
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
R
Responsivity
0.45
A/W
Φe = 10 µW, λ = 890nm, V =0 V
V(BR)R
Reverse Breakdown Voltage
25
V
IR = 100 µA
ID
Reverse Dark Current
1.0
nA
VR = 10.0V, Φe = 0
ID
Reverse Dark Current
1.0
µA
VR = 10.0V, Φe = 0, TA = 125° C


Similar Part No. - OPR2101

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
   Six-Element SMD Photodide Array
More results

Similar Description - OPR2101

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
   Six Element SMD Photodiode Array
logo
TT Electronics.
OPR2100 TTELEC-OPR2100 Datasheet
527Kb / 2P
   Six-Element SMD Photodiode Array
logo
Silonex Inc.
SLDA-61S10-XX SILONEX-SLDA-61S10-XX Datasheet
22Kb / 1P
   Multi-element Photodiode Array
logo
OPTEK Technologies
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
   Six Element SMD LED Array
logo
TT Electronics.
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
   Six-Element SMD Photodide Array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_15 Datasheet
122Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
logo
Hamamatsu Corporation
S3954 HAMAMATSU-S3954 Datasheet
63Kb / 2P
   76-element Si photodiode array High UV sensitivity photodiode array mounted in DIP
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
   16-element Si photodiode array
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_08 Datasheet
122Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
SDM6CC DIODES-SDM6CC Datasheet
87Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com