Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP236TXV Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP236TXV
Description  Hi- Reliability GaAlAs Infrared Emitting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP236TXV Datasheet(HTML) 1 Page - OPTEK Technologies

  OP236TXV Datasheet HTML 1Page - OPTEK Technologies OP236TXV Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Twice the power output of GaAs at the
same drive current
Characterized to define infrared energy
along the mechanical axis of the
device
Mechanically and spectrally matched
to the OP804TX/TXV and
OP805TX/TXV phototransistors
Screened per MIL-PRF-19500 TX or
TXV equivalent levels
Description
The OP235TX, TXV and OP236TX, TXV
are high reliability gallium aluminum
arsenide infrared emitting diodes
mounted in hermetic TO-46 packages.
The wavelength is centered at 890
nanometers to closely match the spectral
response of silicon photoransistors.
Devices are processed to Optek’s 100%
screening and quality conformance
program patterned after MIL-PRF-19500.
After 100% screening, Group A and B are
performed on every lot, and a Group C
test is performed every six months.
The OP235TX, TXV and OP236TX, TXV
have lens cans providing a narrow beam
angle (18
o between half power points).
The narrow beam angle and the specified
radiant intensity allow ease of design in
beam interrupt applications with the
OP804TX, TXV and OP805TX, TXV
series of high reliability phototransistors.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
o
C to +125
o
C
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65
o
C to +150
o
C
Lead Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o
C
(1)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds max. when flow
soldering.
(2) Derate linearly 2.00 mW/
o C above 25o C.
(3) Ee(APT) is a measurement of the average radiant intensity within the cone formed by the
measurement surface. The cone is outlined by a radius of 1.429 inches (36.30 mm)
measured from the lens side of the tab to the sensing surface and a sensing surface of 0.250
inches (6.35 mm) in diameter forming a 10
o cone. Ee(APT) is not necessarily uniform within
the measured area.
Typical screening and lot acceptance tests are provided on page 13-4.
Product Bulletin OP235TX
September 1996
Hi-Reliability GaAlAs Infrared Emitting Diodes
Types OP235TX, OP235TXV, OP236TX, OP236TXV
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
13-28


Similar Part No. - OP236TXV

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP236TXV OPTEK-OP236TXV Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP236TXV TTELEC-OP236TXV Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results

Similar Description - OP236TXV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTE1261 PERKINELMER-VTE1261 Datasheet
40Kb / 2P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-1KL3 KODENSHI-CL-1KL3 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com