Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS256K32-30HCA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS256K32-30HCA
Description  256Kx32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS256K32-30HCA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS256K32-30HCA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS256K32-30HCA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS256K32-XXX
HI-RELIABILITY PRODUCT
256Kx32 SRAM MODULE PRELIMINARY*
FEATURES
s Access Times 20, 25, 35ns
s MIL-STD-883 Compliant Devices Available
s Packaging
• 66 pin, PGA Type, 1.185 inch square, Hermetic
Ceramic HIP (Package 401)
• 68 lead, 40mm, Hermetic CQFP (Package 501)
s Organized as 256Kx32, User Configurable as 512Kx16
s Upgradable to 512Kx32 for future expansion
s Data I/O Compatible with 3.3V devices
s 2V Data Retention devices available
(WS256K32L-XXX low power version only)
s Commercial, Industrial and Military Temperature Range
s 5 Volt Power Supply
s Low Power CMOS
s TTL Compatible Inputs and Outputs
s Weight
WS256K32N-XHX - 13 grams typical
WS256K32-XG4X - 20 grams typical
*
This data sheet describes a product under development, not fully
characterized, and is subject to change without notice.
FIG. 1 PIN CONFIGURATION FOR WS256K32N-XHX
I/O8
I/O9
I/O10
A13
A14
A15
A16
A17
I/O0
I/O1
I/O2
NC
NC
GND
I/O11
A10
A11
A12
VCC
CS1
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE
NC
WE1
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
NC
NC
I/O27
A3
A4
A5
WE2
CS2
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
BLOCK DIAGRAM
TOP VIEW
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-17
Address Inputs
WE1-2
Write Enables
CS1-2
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
256K x 16
16
I/O 0-15
CS1
256K x 16
16
I/O 16-31
2
A 0-17
OE
WE
CS
WE
12
October 2000 Rev. 2


Similar Part No. - WS256K32-30HCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K64-20G4WC ETC-WS256K64-20G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WI ETC-WS256K64-20G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WM ETC-WS256K64-20G4WM Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WC ETC-WS256K64-25G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WI ETC-WS256K64-25G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
More results

Similar Description - WS256K32-30HCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
List of Unclassifed Man...
EDI8L32256C ETC1-EDI8L32256C Datasheet
63Kb / 5P
   256Kx32, 5V Static Ram
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS256K64-XG4WX ETC-WS256K64-XG4WX Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com