Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC708R-813L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC708R-813L
Description  UP Supervisor Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC708R-813L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STC708R-813L Datasheet HTML 1Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 2Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 3Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 4Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 5Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 6Page - List of Unclassifed Manufacturers STC708R-813L Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Data Sheet
STC705-706/706P-707-708-708T/S/R-813L
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Function Reference Table
Table 2. Function Table of PT7A75xx Family
STC706L/705
4.63V
LOW
200
1.6
1.25V detector
Yes
STC813L
4.63V
HIGH
200
1.6
1.25V detector
Yes
STC708L/707
4.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706M/706
4.38V
LOW
200
1.6
1.25V detector
Yes
STC813M
4.38V
HIGH
200
1.6
1.25V detector
Yes
STC708M/708
4.38V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706T
3.08V
LOW
200
1.6
1.25V detector
Yes
STC813T
3.08V
HIGH
200
1.6
1.25V detector
Yes
STC708T
3.08V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706S
2.93V
LOW
200
1.6
1.25V detector
Yes
STC813S
2.93V
HIGH
200
1.6
1.25V detector
Yes
STC708S
2.93V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706R
2.63V
LOW
200
1.6
1.25V detector
Yes
STC813R/706P
2.63V
HIGH
200
1.6
1.25V detector
Yes
STC708R
2.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706Z
2.32V
LOW
200
1.6
1.25V detector
Yes
STC813Z
2.32V
HIGH
200
1.6
1.25V detector
Yes
STC708Z
2.32V
LOW, HIGH
200
unavailable
1.25V detector
Yes
STC706Y
2.20V
LOW
200
1.6
1.25V detector
Yes
STC813Y
2.20V
HIGH
200
1.6
1.25V detector
Yes
STC708Y
2.20V
LOW, HIGH
200
unavailable
1.25V detector
Yes
Nom. Watch dog
Time (sec), t
WD
Power Fail
Comp.
Manual Reset
Input
Part No.
Reset Threshold
Reset Active Low
or High
Nom. Reset Time
(ms), t
RS


Similar Part No. - STC708R-813L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC722D AUK-STC722D Datasheet
72Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC722D KODENSHI-STC722D Datasheet
246Kb / 4P
   NPN Silicon Transistor
STC722D KODENSHI-STC722D Datasheet
246Kb / 4P
   NPN Silicon Transistor
logo
Suntac Electronic Corp.
STC733 SUNTAC-STC733 Datasheet
125Kb / 3P
   PNP Silicon Transistor
logo
Suntsu Electronics, Inc...
STC75C SUNTSU-STC75C Datasheet
702Kb / 4P
   Ceramic SMT 10 Pad CMOS (VC)TCXO
More results

Similar Description - STC708R-813L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com