Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPT-18-8004 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # TPT-18-8004
Description  Temperature Compensated Amplifier 8 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPT-18-8004 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  TPT-18-8004 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPT-18-8004 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TPT-18-8004
Temperature Compensated Amplifier
8 GHz - 18 GHz
08/05
ISO 9001:2000
8 GHz - 18 GHz
TPT-18-8004
18 dB
Gain Vs Temp at any Frequency: +/-1.25 dB
9.5 dB
20 dBm
+/-1.5 dB
28 dBm
390 mA
450 mA
SX6
-54 to +90C
This Amplifier offers exceptional performance over the band 8
GHz to 18 GHz with 20 dBm P1dB output power and 18 dB
Gain.


Similar Part No. - TPT-18-8004

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TPT-18-8005 TELEDYNE-TPT-18-8005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TPT-18-8006 TELEDYNE-TPT-18-8006 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TPT-18-8007 TELEDYNE-TPT-18-8007 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TPT-18-8008 TELEDYNE-TPT-18-8008 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
More results

Similar Description - TPT-18-8004

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-18-8004 TELEDYNE-CPT-18-8004 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
CPT-18-8007 TELEDYNE-CPT-18-8007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TMT-18-8005 TELEDYNE-TMT-18-8005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TPT-18-8005 TELEDYNE-TPT-18-8005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TMT-18-8007 TELEDYNE-TMT-18-8007 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
CPT-18-8008 TELEDYNE-CPT-18-8008 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
CMT-18-8005 TELEDYNE-CMT-18-8005 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
TPT-18-8008 TELEDYNE-TPT-18-8008 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
CMT-18-8007 TELEDYNE-CMT-18-8007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
CPT-18-8006 TELEDYNE-CPT-18-8006 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 8 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com