Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS256K32-30HMA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WS256K32-30HMA
Description  256Kx32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS256K32-30HMA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WS256K32-30HMA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS256K32-XXX
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE:
H = Ceramic Hex-In-Line Package, HIP (Package 401)
G4 = 40mm Ceramic Quad Flat Pack, CQFP (Package 501)
ACCESS TIME (ns)
IMPROVEMENT MARK
N = No Connect at pins 21, 28 and 39 in HIP for Upgrades
Blank = Standard Power
L = Low Power Data Retention
ORGANIZATION, 256Kx32
User configurable as 512Kx16
SRAM
WHITE ELECTRONIC DESIGNS CORP.
ORDERING INFORMATION
W S 256K32 X - XXX X X X


Similar Part No. - WS256K32-30HMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K64-20G4WC ETC-WS256K64-20G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WI ETC-WS256K64-20G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WM ETC-WS256K64-20G4WM Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WC ETC-WS256K64-25G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WI ETC-WS256K64-25G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
More results

Similar Description - WS256K32-30HMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
List of Unclassifed Man...
EDI8L32256C ETC1-EDI8L32256C Datasheet
63Kb / 5P
   256Kx32, 5V Static Ram
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS256K64-XG4WX ETC-WS256K64-XG4WX Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com