Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS256K32-30HMA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS256K32-30HMA
Description  256Kx32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS256K32-30HMA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS256K32-30HMA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS256K32-30HMA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS256K32-XXX
PACKAGE 401: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H)
30.1 (1.185)
± 0.38 (0.015) SQ
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030)
± 0.1 (0.005)
6.22 (0.245)
MAX
3.81 (0.150)
± 0.1 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.27 (0.050)
± 0.1 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018)
± 0.05 (0.002) DIA
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 501: 68 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G4)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
0.38 (0.015)
± 0.08 (0.003)
68 PLACES
1.27 (0.050)
TYP
5.1 (0.200) MAX
39.6 (1.56)
± 0.38 (0.015) SQ
38 (1.50) TYP
4 PLACES
5.1 (0.200)
± 0.25 (0.010)
4 PLACES
12.7 (0.500)
± 0.5 (0.020)
4 PLACES
0.25 (0.010)
± 0.05 (0.002)
1.27 (0.050)
± 0.1 (0.005)
PIN 1 IDENTIFIER
Pin 1


Similar Part No. - WS256K32-30HMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K64-20G4WC ETC-WS256K64-20G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WI ETC-WS256K64-20G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WM ETC-WS256K64-20G4WM Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WC ETC-WS256K64-25G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WI ETC-WS256K64-25G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
More results

Similar Description - WS256K32-30HMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
List of Unclassifed Man...
EDI8L32256C ETC1-EDI8L32256C Datasheet
63Kb / 5P
   256Kx32, 5V Static Ram
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS256K64-XG4WX ETC-WS256K64-XG4WX Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com