Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE88LC02MI000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XE88LC02MI000
Description  Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE88LC02MI000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XE88LC02MI000 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 11Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 12Page - List of Unclassifed Manufacturers XE88LC02MI000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
1-7
D0207-134
Datasheet XE88LC02 Sensing
Machine Data Acquisition MCU
with Zooming ADC and LCD driver
20
10
1
VMULT
VREG
VBAT
XOUT
VSS
XIN
AC_R(2)
AC_R(3)
AC_R(0)
AC_R(1)
AC_A(7)
AC_A(6)
AC_A(5)
AC_A(4)
AC_A(3)
AC_A(2)
AC_A(1)
AC_A(0)
TEST
NRESET
LCD_VR1
LCD_IO(4)
LCD_IO(5)
LCD_IO(6)
LCD_IO(7)
LCD_IO(8)
LCD_IO(9)
LCD_IO(10)
LCD_IO(11)
LCD_IO(12)
LCD_IO(13)
LCD_IO(14)
LCD_IO(15)
LCD_IO(16)
LCD_IO(17)
LCD_IO(18)
LCD_IO(19)
LCD_IO(20)
LCD_IO(21)
LCD_IO(22)
50
60
Figure 1-3. LQFP- 80 pin map
1.3 Pin assignment
The table below gives a short description of the different pin assignments.
Pin
Assignment
VBAT
Positive power supply
VSS
Negative power supply
VREG
Connection for the mandatory external capacitor of the voltage regulator
VPP
High voltage supply for flash memory programming (NC in ROM versions)
NRESET
Resets the circuit when the voltage is low
TEST
Sets the pin to flash programming mode
XIN/XOUT
Quartz crystal connections, also used for flash memory programming
PA(7:0)
Parallel input port A pins
PB(7:0)
Parallel I/O port B pins
PD1(7:0)
Parallel I/O port D1 pins
PD2(7:0)
Parallel I/O port D2 pins
SPI(3:0)
Serial SPI port or general purpose I/O port pins
LCD_IO(29:0)
LCD segment driver or general purpose I/O port pins
LCD_IO(31:30)
LCD segment driver or LCD back plane driver or general purpose I/O port pins
LCD_COM(1:0)
LCD back plane driver pins
LCD_VR1/LCD_VR2
LCD supply voltage
VGEN_Vx
LCD driver voltage generation pins
AC_A(7:0)
Acquisition chain input pins
AC_R(3:0)
Acquisition chain reference pins
Table 1-3. Pin assignment


Similar Part No. - XE88LC02MI000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI000 ETC1-XE88LC01MI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI027 ETC1-XE88LC01MI027 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI032 ETC1-XE88LC01MI032 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01RI000 ETC1-XE88LC01RI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
More results

Similar Description - XE88LC02MI000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
Semtech Corporation
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com