Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCO600A368.640MHZ Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VCO600A368.640MHZ
Description  Voltage Controlled Saw Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCO600A368.640MHZ Datasheet(HTML) 4 Page - Vectron International, Inc

  VCO600A368.640MHZ Datasheet HTML 1Page - Vectron International, Inc VCO600A368.640MHZ Datasheet HTML 2Page - Vectron International, Inc VCO600A368.640MHZ Datasheet HTML 3Page - Vectron International, Inc VCO600A368.640MHZ Datasheet HTML 4Page - Vectron International, Inc VCO600A368.640MHZ Datasheet HTML 5Page - Vectron International, Inc VCO600A368.640MHZ Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VCO-600A Voltage Controlled SAW Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
e-mail vectron@vectron.com
4
Figure 3. Typical Frequency Translation Diagram
Figure 4. Typical Clock Smoothing Diagram
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at
these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to
absolute maximum ratings for extended periods may adversely affect device reliability.
Table 4. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VEE
-8 to 0
V
Output Current
1
Iout
20
mA
Output Current
2
Iout
50
mA
Voltage Control Range
1
VC
VEE to VCC
V
Voltage Control Range
2
VC
VEE-0.5 to VCC+0.5
V
1 Limts beyond which performance can not be guarenteed.
2 Limits beyond which device life may be impaired.
Qualification Conformance
The VCO-600A family has undergone, and passed, the following Mil-Std qualification.
Table 5. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883C 2002.3, TEST A
Mechanical Vibration
MIL-STD-883C 2007.1, TEST A
Solderability
MIL-STD-883C 2003.5,
Gross and Fine Leak
MIL-STD-883C, 1014.7, 100% Tested
Resistance to Solvents
MIL-STD-883C 2016
Handling Precautions
Although ESD protection circuitrry has been designed into the the VCO-600A, proper precautions should be taken when handling
and mounting. VI employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design
protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry wide
standard has been adopted for the CDM, a standard HBM of resistance=1.5Kohms and capacitance = 100pF is widely used and
therefore can be used for comparison purposes.
Table 6. ESD Ratings
Model
Minimum
Human Body Model
1000 V
Charged Device Model
1000 V
φ and Freq
Detector
Loop Filter
VCO-600A
622.080MHz
Divide by 12
51.840MHz
622.080MH
155.52MHz
φ and Freq
Detector
Loop Filter
VCO-600A
155.520MHz
155.52MHz


Similar Part No. - VCO600A368.640MHZ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
VCO690-3100T SIRENZA-VCO690-3100T Datasheet
149Kb / 1P
   VCO Product Specification
VCO690-3100TY SIRENZA-VCO690-3100TY Datasheet
149Kb / 1P
   VCO Product Specification
VCO690-3300T SIRENZA-VCO690-3300T Datasheet
149Kb / 1P
   VCO Product Specification
VCO690-3300TY SIRENZA-VCO690-3300TY Datasheet
149Kb / 1P
   VCO Product Specification
VCO690-4000T SIRENZA-VCO690-4000T Datasheet
147Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO600A368.640MHZ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com