Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2784B-BFSG3 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U2784B-BFSG3
Description  2200 MHz / 200 MHz Twin PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2784B-BFSG3 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U2784B-BFSG3 Datasheet HTML 1Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 2Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 3Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 4Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 5Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 6Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 7Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 8Page - TEMIC Semiconductors U2784B-BFSG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
U2784B
TELEFUNKEN Semiconductors
Rev. A2, 29-Jul-96
4 (11)
Serial Programming Bus
Reference
and
programmable
counters
can
be
programmed by the 3-wire-bus (Clock, Data and Enable).
After setting enable signal to high condition, the data
status is transfered bit by bit on the rising edge of the clock
signal into the shift register, starting with the MSB-bit.
After the Enable signal returns to low condition the
programmed information is loaded according to the
addressbits (last three bits) into the addressed latch.
Additional leading bits are ignored and there is no check
made the 3-wire-bus remains active and the IC can be
programmed.
Data is entered with the most significant bit first. The
leading bits deliver the divider or control information.
The trailing three bits are the address field. There are six
different addresses used. The trailing address bits are
decoded upon the falling edge of the Enable signal. the
internal Loadpulse is beginning with the falling edge of
the Enable signal and ending with the falling edge of the
Clock
signal.
Therefore
a
minimum
holdtime
clock-enable tHCE is required.
Bit Allocation
MSB
LSB
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
8
Bit
9
Bit
10
Bit
11
Bit
12
Bit
13
Bit
14
Bit
15
Bit
16
Bit
17
Bit
18
Bit
19
Bit
20
data bits
address bits
D16 D15 D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
PLL1
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
M0
S5
S4
S3
S2
S1
PLL1
S0
0
0
1
PLL1
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
PLL1
R0
0
1
0
PLL2
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
M0
S2
S1
PLL2
S0
0
1
1
PLL2
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
PLL2
R0
1
0
0
RF/
2
Test
5IP
TRI
2
TRI
1
PS2
PS1
H2P H1P
LP
B
LPA
P4
P3
P2
P1
P0
1
0
1
SP
D 5I
SP
D 2
SP
D 1
1
1
0
Scaling Factors
PGD of PLL1:
S0 ... S5:
These bits are setting the swallow counter SS.
SS = S0*20 + S1*21 + ... + S4*24 + S5*25
allowed scalling factors for SS: 0 ... 63, SS < SM
M0 ... M10: These bits are setting the main counter SM.
SM = M0*20 + M1*21 + ... + M9*29 + M10*210
allowed scalling factors for SM: 5 ... 2047
SPGD:
Total scalling factor of the programmable counter:
SPGD = (64*SM) + SS
Condition: SS < SM
RFD of PLL1 and PLL2:
R0 ... R11:
These bits are setting the reference counter SR.
SR = R0*20 + ... + R10*210 + R11*211
allowed scalling factors for SR: 5 ... 4095
RF/2 = 1:
SRFD = 2 * SR
RF/2 = 0:
SRFD = SR
PGD of PLL2:
S0 ... S4:
These bits are setting the swallow counter SS.
SS = S0*20 + S1*21 + S2*22
allowed scalling factors for SS: 0 ... 7, SS < SM
M0 ... M9:
These bits are setting the main counter SM.
SM = M0*20 + M1*21 + ... + M9*29 + M10*210
allowed scalling factors for SM: 5 ... 2047
SPGD:
Total scalling factor of the programmable counter:
SPGD = (8*SM) + SS
Condition: SS < SM


Similar Part No. - U2784B-BFSG3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2781A HP-U2781A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2781A KEYSIGHT-U2781A Datasheet
7Mb / 76P
   USB Modular Products
logo
TEMIC Semiconductors
U2781B TEMIC-U2781B Datasheet
198Kb / 10P
   Frequency Synthesizer
U2781B-AFS TEMIC-U2781B-AFS Datasheet
198Kb / 10P
   Frequency Synthesizer
U2781B-AFSG3 TEMIC-U2781B-AFSG3 Datasheet
198Kb / 10P
   Frequency Synthesizer
More results

Similar Description - U2784B-BFSG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2782B TEMIC-U2782B Datasheet
159Kb / 10P
   1100 MHz Twin PLL
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
logo
Yantel Corporation
DC1800U10-123 YANTEL-DC1800U10-123 Datasheet
408Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
DC1800U05-050 YANTEL-DC1800U05-050 Datasheet
355Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com