Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1723A-20PXTB Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1723A-20PXTB
Description  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723A-20PXTB Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1723A-20PXTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1723A-20PXTB Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AIC1723A
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-40
-20
0
20
40
60
80
40
45
50
55
60
65
70
75
80
AIC1723A-33
Ground Current vs. Temperature
Temperature (
°C)
ILOAD = 500mA
ILOAD = 300mA
ILOAD = 0mA
ILOAD = 100mA
Current Limit vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
660
680
700
720
740
760
780
800
820
VIN= 7V
AIC1723A
VIN= 6V
VIN= 5V
VIN= 4V
-40
-20
0
20
40
60
80
100
5.00
5.05
5.10
5.15
5.20
5.25
5.30
VOUT vs. Temperature
Temperature (
°C)
AIC1723A-52
-40
-20
0
20
40
60
80
100
3.10
3.15
3.20
3.25
3.30
3.35
3.40
VOUT vs. Temperature
Temperature (
°C)
AIC1723A-33
BLOCK DIAGRAM
1.235V
Reference
GND
VOUT
VIN
Error
AMP
+
-
Thermal
Shutdown
-
+
Current
Limiting
6


Similar Part No. - AIC1723A-20PXTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CE AIC-AIC1723-33CE Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CET AIC-AIC1723-33CET Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CF AIC-AIC1723-33CF Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CY AIC-AIC1723-33CY Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723A-20PXTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com