Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88353BL Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY88353BL
Description  3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88353BL Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY88353BL Datasheet HTML 3Page - Micrel Semiconductor SY88353BL Datasheet HTML 4Page - Micrel Semiconductor SY88353BL Datasheet HTML 5Page - Micrel Semiconductor SY88353BL Datasheet HTML 6Page - Micrel Semiconductor SY88353BL Datasheet HTML 7Page - Micrel Semiconductor SY88353BL Datasheet HTML 8Page - Micrel Semiconductor SY88353BL Datasheet HTML 9Page - Micrel Semiconductor SY88353BL Datasheet HTML 10Page - Micrel Semiconductor SY88353BL Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
SY88353BL
April 2006
10
M9999-042506-A
hbwhelp@micrel.com or (408) 955-1690
Figure 4. LOS Output Structure
Figure 5. LOSLVL Setting Circuit
Note: Recommended value for RLOSLVL is 15kΩ or less.
Related Product and Support Documentation
Part Number
Function
Data Sheet Link
AN-45
Notes on Sensitivity and Hysteresis in Micrel
Post Amplifiers
http://www.micrel.com/product-info/app_hints+notes.shtml


Similar Part No. - SY88353BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BLMG MICREL-SY88353BLMG Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BLMGTR MICREL-SY88353BLMGTR Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
More results

Similar Description - SY88353BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88063AL MICREL-SY88063AL Datasheet
397Kb / 11P
   3.3V, 12.5Gbps Limiting Post Amplifier with
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Analog Devices
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com