Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK800 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STK800
Description  N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK800 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STK800 Datasheet HTML 3Page - STMicroelectronics STK800 Datasheet HTML 4Page - STMicroelectronics STK800 Datasheet HTML 5Page - STMicroelectronics STK800 Datasheet HTML 6Page - STMicroelectronics STK800 Datasheet HTML 7Page - STMicroelectronics STK800 Datasheet HTML 8Page - STMicroelectronics STK800 Datasheet HTML 9Page - STMicroelectronics STK800 Datasheet HTML 10Page - STMicroelectronics STK800 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STK800
Electrical characteristics
7/12
Figure 7.
Gate charge vs gate-source voltage Figure 8.
Capacitance variations
Figure 9.
Normalized gate threshold voltage
vs temperature
Figure 10. Normalized on resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12. Normalized BVDSS vs temperature


Similar Part No. - STK800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK800 STMICROELECTRONICS-STK800 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
More results

Similar Description - STK800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
   N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
   N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
   N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
   N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com