Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E30NK90Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # E30NK90Z
Description  N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E30NK90Z Datasheet(HTML) 4 Page - STMicroelectronics

  E30NK90Z Datasheet HTML 1Page - STMicroelectronics E30NK90Z Datasheet HTML 2Page - STMicroelectronics E30NK90Z Datasheet HTML 3Page - STMicroelectronics E30NK90Z Datasheet HTML 4Page - STMicroelectronics E30NK90Z Datasheet HTML 5Page - STMicroelectronics E30NK90Z Datasheet HTML 6Page - STMicroelectronics E30NK90Z Datasheet HTML 7Page - STMicroelectronics E30NK90Z Datasheet HTML 8Page - STMicroelectronics E30NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STE30NK90Z
4/10
Figure 3: Safe Operating Area
Figure 4: Output Characteristics
Figure 5: Transconductance
Figure 6: Thermal Impedance
Figure 7: Transfer Characteristics
Figure 8: Static Drain-source On Resistance


Similar Part No. - E30NK90Z

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E30 GILWAY-E30 Datasheet
1Mb / 17P
   Miniature LEDs
logo
Powerbox
E30 POWERBOX-E30 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Cherry Semiconductor Co...
E30 CHERRY-E30 Datasheet
3Mb / 3P
   5 current ratings
logo
XP Power Limited
E30 XPPOWER-E30 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
FERYSTER Inductive Comp...
E30-11-K-V-12P-LP FERYSTER-E30-11-K-V-12P-LP Datasheet
55Kb / 1P
   COIL FORMER
More results

Similar Description - E30NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE30NK90Z STMICROELECTRONICS-STE30NK90Z_06 Datasheet
300Kb / 13P
   N-channel 900V - 0.21廓 - 28A ISOTOP Zener-Protected SuperMESTM MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
   N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
   N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com