Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH615AB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH615AB
Description  Optocoupler, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AB Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH615AB Datasheet HTML 1Page - Vishay Siliconix SFH615AB Datasheet HTML 2Page - Vishay Siliconix SFH615AB Datasheet HTML 3Page - Vishay Siliconix SFH615AB Datasheet HTML 4Page - Vishay Siliconix SFH615AB Datasheet HTML 5Page - Vishay Siliconix SFH615AB Datasheet HTML 6Page - Vishay Siliconix SFH615AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83672
Rev. 1.4, 19-Apr-04
VISHAY
SFH615AA/AGB/AGR/ABM/ABL/AY/AB
Vishay Semiconductors
Switching Characteristics
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 5.0 mA
ton
2.0
µs
Turn-off time
IF = 5.0 mA
toff
25
µs
Fig. 1 Switching Operation (with Saturation)
Fig. 2 Current Transfer Ratio (typical) vs. Temperature
isfh615aa_01
1 Ω
VCC =5V
47 Ω
IF
isfh615aa_02
IF = 10 mA, VCC = 5.0 V
Fig. 3 Transistor Capacitance (typ.) vs. Collector-Emitter Voltage
Fig. 4 Permissible Diode Forward Current vs. Ambient
Temperature
isfh615aa_03
f = 1.0 MHz
isfh615aa_04


Similar Part No. - SFH615AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AB VISHAY-SFH615AB Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615AB VISHAY-SFH615AB Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
SFH615ABL VISHAY-SFH615ABL Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH615ABL VISHAY-SFH615ABL Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
SFH615ABM VISHAY-SFH615ABM Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
More results

Similar Description - SFH615AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615A VISHAY-SFH615A Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
SFH617A VISHAY-SFH617A Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com