Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1723A-20CUTB Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1723A-20CUTB
Description  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723A-20CUTB Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1723A-20CUTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1723A-20CUTB Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC1723A
SOT-89 MARKING
Part No.
CX
PX
Part No.
CX
PX
AIC1723A-18XX
AV18
AV18P
AIC1723A-35XX
AV35
AV35P
AIC1723A-20XX
AV20
AV20P
AIC1723A-37XX
AV37
AV37P
AIC1723A-25XX
AV25
AV25P
AIC1723A-38XX
AV38
AV38P
AIC1723A-27XX
AV27
AV27P
AIC1723A-50XX
AV50
AV50P
AIC1723A-30XX
AV30
AV30P
AIC1723A-52XX
AV52
AV52P
AIC1723A-33CY
AV33
AV33P
SOT-223 MARKING
Part No.
CY
PY
Part No.
CY
PY
AIC1723A-18XY
BU18
BU18P
AIC1723A-35XY
BU35
BU35P
AIC1723A-20XY
BU20
BU20P
AIC1723A-37XY
BU37
BU37P
AIC1723A-25XY
BU25
BU25P
AIC1723A-38XY
BU38
BU38P
AIC1723A-27XY
BU27
BU27P
AIC1723A-50XY
BU50
BU50P
AIC1723A-30XY
BU30
BU30P
AIC1723A-52XY
BU52
BU52P
AIC1723A-33XY
BU33
BU33P
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................................…………..…….................. -0.3~8V
Operating Temperature Range …………….....………........…………................ -40
°C~ 85°C
Junction Temperature ……………………………………………………………………... 125
°C
Storage Temperature Range ....................……......................………............. -65
°C~150°C
Lead Temperature (Soldering. 10sec) …………………………………………………… 260
°C
Thermal Resistance Junction to Ambient
SOT-23 Package ...….………..… 180
°C/W
(Assume no Ambient Airflow, no Heatsink)
TO-252 Package ...….………..… 100
°C/W
SOT-89 Package ...….………..… 160
°C/W
SOT-223 Package ...….………..… 155
°C/W
Absolute Maximum Rating are those value beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
3


Similar Part No. - AIC1723A-20CUTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CE AIC-AIC1723-33CE Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CET AIC-AIC1723-33CET Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CF AIC-AIC1723-33CF Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CY AIC-AIC1723-33CY Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723A-20CUTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com