Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V408BFP-10LW Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M5V408BFP-10LW
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V408BFP-10LW Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M5V408BFP-10LW Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V408BFP-10LW Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MITSUBISHI ELECTRIC
M5M5V408BFP/TP/RT/KV/KR
revision-K1.0e, ' 98.09.07
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
M5M5V408B## -85LW
M5M5V408B## -10LW
M5M5V408B## -85HW
M5M5V408B## -10HW
M5M5V408B## -85L
M5M5V408B## -10L
M5M5V408B## -85H
M5M5V408B## -10H
M5M5V408B## -85LI
M5M5V408B## -10LI
M5M5V408B## -85HI
M5M5V408B## -10HI
Standard
0 ~ +70°C
W-version
-20 ~ +85°C
I-version
-40 ~ +85°C
Version,
Part name
(## stands for "FP","TP",
"RT","KV"or"KR")
Power
Supply
Access
time
max.
25°C
Stand-by current Icc(PD), Vcc=3.0V
85ns
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
---
---
---
0.3µA
0.3µA
0.3µA
---
1µA
1µA
3µA
1µA
3µA
typical *
---
---
---
40°C
1µA
1µA
1µA
---
---
20µA
10µA
20µA
10µA
40µA
20µA
20µA
10µA
40µA
20µA
70°C 85°C
25°C 40°C
---
---
---
---
---
3µA
100ns
85ns
100ns
85ns
100ns
85ns
100ns
85ns
100ns
85ns
100ns
DESCRIPTION
• Single +2.7~+3.6V power supply
• Small stand-by current: 0.3µA(3V,typ.)
• No clocks, No refresh
• Data retention supply voltage=2.0V to 3.6V
• All inputs and outputs are TTL compatible.
• Easy memory expansion by S
• Common Data I/O
• Three-state outputs: OR-tie capability
• OE prevents data contention in the I/O bus
• Process technology: 0.25µm CMOS
• Package:
M5M5V408BFP: 32 pin 525 mil SOP
M5M5V408BTP/RT: 32 PIN 400mil TSOP(ll)
M5M5V408BKV/KR: 32 pin 8mm x13.4mm STSOP
FEATURES
Active
current
30mA
(10MHz)
5mA
(1MHz)
Ratings (max.)
1
Operating
temperature
The M5M5V408B
is a family of low voltage 4-Mbit static RAMs
organized as 524,288-words by 8-bit, fabricated by Mitsubishi's high-
performance 0.25µm CMOS technology.
The M5M5V408B is suitable for memory applications where a
simple interfacing , battery operating and battery backup are the
important design objectives.
M5M5V408B is packaged in 32-pin plastic SOP, 32-pin plastic
TSOP and 32-pin 8mm x 13.4mm STSOP packages. Two types of
TSOPs and two types of STSOPs are available, M5M5V408BTP
(normal-lead-bend
TSOP),
M5M5V408BRT
(reverse-lead-bend
TSOP),
M5M5V408BKV
(normal-lead-bend
STSOP)
and
M5M5V408BKR (reverse-lead-bend STSOP).
These two types
TSOPs and two types STSOPs are suitable for a surface mounting
on double-sided printed circuit boards.
From the point of operating temperature, the family is divided into
three versions; "Standard", "W-version", and "I-version". Those are
summarized in the part name table below.
PART NAME TABLE
(3.0V, typ.)
Icc1
* "typical" parameter is sampled, not 100% tested.


Similar Part No. - M5M5V408BFP-10LW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V408BFP-10LW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com