Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY274PN Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY274PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY274PN Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY274PN Datasheet HTML 7Page - Power Integrations, Inc. TNY274PN Datasheet HTML 8Page - Power Integrations, Inc. TNY274PN Datasheet HTML 9Page - Power Integrations, Inc. TNY274PN Datasheet HTML 10Page - Power Integrations, Inc. TNY274PN Datasheet HTML 11Page - Power Integrations, Inc. TNY274PN Datasheet HTML 12Page - Power Integrations, Inc. TNY274PN Datasheet HTML 13Page - Power Integrations, Inc. TNY274PN Datasheet HTML 14Page - Power Integrations, Inc. TNY274PN Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
TNY274-280
E
2/06
Thermal Considerations
The four SOURCE pins are internally connected to the IC lead
frameandprovidethemainpathtoremoveheatfromthedevice.
ThereforealltheSOURCEpinsshouldbeconnectedtoacopper
area underneath the TinySwitch-III to act not only as a single
point ground, but also as a heatsink. As this area is connected
to the quiet source node, this area should be maximized for
good heatsinking. Similarly for axial output diodes, maximize
the PCB area connected to the cathode.
Y-Capacitor
The placement of the Y-capacitor should be directly from the
primary input filter capacitor positive terminal to the common/
return terminal of the transformer secondary. Such a placement
will route high magnitude common mode surge currents away
from the TinySwitch-III device. Note – if an input π (C, L, C)
EMI filter is used then the inductor in the filter should be placed
between the negative terminals of the input filter capacitors.
Optocoupler
Place the optocoupler physically close to the TinySwitch-III
to minimizing the primary-side trace lengths. Keep the high
current, high voltage drain and clamp traces away from the
optocoupler to prevent noise pick up.
Output Diode
For best performance, the area of the loop connecting the
secondary winding, the output diode and the output filter
capacitor, should be minimized. In addition, sufficient copper
area should be provided at the anode and cathode terminals
of the diode for heatsinking. A larger area is preferred at the
quiet cathode terminal. A large anode area can increase high
frequency radiated EMI.
Figure 15. Recommended Circuit Board Layout for TinySwitch-III with Under-Voltage Lock Out Resistor.
+
DC
OUT
-
+
-
HV DC
INPUT
Input Filter
Capacitor
Output Filter
Capacitor
PI-4278-013006
TOP VIEW
Maximize hatched copper
areas (
) for optimum
heatsinking
D
BP/M
EN/UV
S S S S
Y1-
Capacitor
Opto-
coupler
CBP
T
r
a
n
s
f
o
r
m
e
r
TinySwitch-III


Similar Part No. - TNY274PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274PN-TL POWERINT-TNY274PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY274PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com