Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT4052M1R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HCT4052M1R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4052M1R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HCT4052M1R Datasheet HTML 2Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 3Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 4Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 5Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 6Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 7Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 8Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 9Page - STMicroelectronics M74HCT4052M1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M74HCT4052
6/14
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA =25°C)
(*) Input COMMON Terminal, and measured at SWITCH Terminal
(**) Input SWITCH Terminal, and measured at common Terminal
NOTE: These characteristics are determined by the design of the device.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
-2.25
4
fIN = 1 KHz RL =10 KΩ,CL =50 pF
0.025
%
4.5
-4.5
8
0.020
Sine Wave
Distortion
2.25
-2.25
4
fIN =10KHz RL =10 KΩ,CL =50 pF
0.12
%
4.5
-4.5
8
0.06
fMAX
Frequency
Response
(Switch ON) (*)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL =50Ω,CL =10 pF, fIN = 1KHz sine wave
120
MHz
4.5
-4.5
190
fMAX
Frequency
Response
(Switch ON) (**)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL =50Ω,CL =10 pF, fIN = 1KHz sine wave
95
MHz
4.5
-4.5
150
6.0
-6.0
Feed through
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC -VEE)/2
Adjust input for 0 dBm
RL = 600Ω,CL =50 pF, fIN = 1MHz sine wave
-50
dB
4.5
-4.5
-50
Crosstalk (Control
Input to Signal
Output)
4.5
0
Adjust RL at set up so that IS =0A.
RL =600Ω,CL =50pF, fIN = 1MHz square wave between
Vcc and GND tr=tf= 6 ns
60
mV
4.5
-4.5
140
Crosstalk
(between any two
switches)
2.25
-2.25
Adjust VIN to obtain 0dBm at input
RL = 600Ω,CL =50 pF, fIN = 1MHz sine wave
-50
dB
4.5
-4.5
-50


Similar Part No. - M74HCT4052M1R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74HCT4052ADTR2G ONSEMI-M74HCT4052ADTR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
M74HCT4052ADWR2G ONSEMI-M74HCT4052ADWR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

Similar Description - M74HCT4052M1R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com