Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4010 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4010 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LTC4010 Datasheet HTML 2Page - Linear Integrated Systems LTC4010 Datasheet HTML 3Page - Linear Integrated Systems LTC4010 Datasheet HTML 4Page - Linear Integrated Systems LTC4010 Datasheet HTML 5Page - Linear Integrated Systems LTC4010 Datasheet HTML 6Page - Linear Integrated Systems LTC4010 Datasheet HTML 7Page - Linear Integrated Systems LTC4010 Datasheet HTML 8Page - Linear Integrated Systems LTC4010 Datasheet HTML 9Page - Linear Integrated Systems LTC4010 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4010
4010p
PI FU CTIO S
FAULT (Pin 1): Active-Low Fault Indicator Output. The
LTC4010 indicates various battery and internal fault con-
ditions by connecting this pin to GND. Refer to the Opera-
tion and Applications Information sections for further
details. This output is capable of driving an LED and should
be left floating if not used. FAULT is an open-drain output
to GND with an operating voltage range of GND to VCC.
CHRG (Pin 2): Active-Low Charge Indicator Output. The
LTC4010 indicates it is providing charge to the battery by
connecting this pin to GND. Refer to the Operation and
Applications Information sections for further details. This
output is capable of driving an LED and should be left
floating if not used. CHRG is an open-drain output to GND
with an operating voltage range of GND to VCC.
CHEM (Pin 3): Battery Chemistry Selection Input. This pin
should be wired to GND to select NiMH fast charge
termination parameters. If a voltage greater than 2.85V is
applied to this pin, or it is left floating, NiCd parameters are
used. Refer to the Applications Information section for
further details. Operating voltage range is GND to 3.3V.
GND (Pin 4): Ground. This pin provides a single-point
ground for internal references and other critical analog
circuits.
VTEMP (Pin 5): Battery Temperature Input. An external
10k NTC thermistor may be connected between VTEMP
and GND to provide temperature-based charge qualifica-
tion and additional fast charge termination control. Charg-
ing may also be paused by connecting the VTEMP pin to
GND. Refer to the Operation and Applications Informa-
tion sections for complete details on external thermistor
networks and charge control. If this pin is not used it
should be wired to INTVDD through 56k. Operating volt-
age range is GND to 3.3V.
VCELL (Pin 6): Average Single-Cell Voltage Input. An
external voltage divider between BAT and VCDIV is attached
to this pin to monitor the average single-cell voltage of the
battery pack. The LTC4010 uses this information to pro-
tect against catastrophic battery overvoltage and to con-
trol the charging state. Refer to the Applications Information
section for further details on the external divider network.
Operating voltage range is GND to BAT.
VCDIV (Pin 7): Average Cell Voltage Resistor Divider Ter-
mination. The LTC4010 connects this pin to GND provided
the charger is not in shutdown. VCDIV is an open-drain
output to GND with an operating voltage range of GND to
BAT.
TIMER (Pin 8): Charge Timer Input. A resistor connected
between TIMER and GND programs charge cycle timing
limits. Refer to the Applications Information section for
complete details. Operating voltage range is GND to 1V.
SENSE (Pin 9): Charge Current Sense Input. An external
resistor between this input and BAT is used to program
charge current. Refer to the Applications Information
section for complete details on programming charge
current. Operating voltage ranges from (BAT – 50mV) to
(BAT + 200mV).
BAT (Pin 10): Battery Pack Connection. The LTC4010 uses
the voltage on this pin to control current sourced from VCC
to the battery during charging. Allowable operating volt-
age range is GND to VCC.
INTVDD (Pin 11): Internal 5V Regulator Output. This pin
provides a means of bypassing the internal 5V regulator
used to power the BGATE output driver. Typically, power
should not be drawn from this pin by the application
circuit. Refer to the Application Information section for
additional details.
BGATE (Pin 12): External Synchronous N-channel MOSFET
Gate Control Output. This output provides gate drive to an
optional external NMOS power transistor switch used for
synchronous rectification to increase efficiency in the
step-down DC/DC converter. Operating voltage is GND to
INTVDD. BGATE should be left floating if not used.
PGND (Pin 13): Power Ground. This pin provides a return
for switching currents generated by internal LTC4010
circuits. Externally, PGND and GND should be wired
together using a very low impedance connection. Refer to
PCB Layout Considerations in the Applications Informa-
tion section for additional grounding details.


Similar Part No. - LTC4010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFE LINER-LTC4010CFE Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFEPBF LINER-LTC4010CFEPBF Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFETR LINER-LTC4010CFETR Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010CFETRPBF LINER-LTC4010CFETRPBF Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com