Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SL11-HLR00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-SL11-HLR00
Description  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SL11-HLR00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-SL11-HLR00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical/Optical Characteristics
TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle [1]
2
θ
1/2
deg
Major
120
Minor
60
Forward Voltage
VF
VIF = 20 mA
Red (
λ
d = 626 nm)
1.9
2.4
Red (
λ
d = 630 nm)
2.0
2.4[2]
Amber (
λ
d = 590 nm)
2.02
2.4
Amber (
λ
d = 592 nm)
2.15
2.4[2]
Blue (
λ
d = 470 nm)
3.5
4.0
Green (
λ
d = 526 nm)
3.5
4.0
Reverse Voltage
VR
VIR = 100 µA
Amber and Red
5
20
Blue and Green
5
Peak Wavelength
λ
PEAK
nm
Peak of Wavelength of
Red (
λ
d = 626 nm)
635
Spectral Distribution
Red (
λ
d = 630 nm)
639
at IF = 20 mA
Amber (
λ
d = 590 nm)
592
Amber (
λ
d = 592 nm)
594
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is the on-axis intensity.
2. For options -xxRxx, -xxTxx, and -xxVxx, maximum forward voltage, VF, is 2.6 V.
3. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
LED Indicators
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Blue (
λ
d = 470 nm)
467
Green (
λ
d = 526 nm)
524
Spectral Halfwidth
∆λ
1/2
nm
Wavelength Width at
Red (
λ
d = 626/630 nm)
17
Spectral Distribution
Amber (
λ
d = 590/592 nm)
17
1/2 Power Point at I
F = 20 mA
Blue (
λ
d = 470 nm)
20
Green (
λ
d = 526 nm)
35
Capacitance
C
pF
VF = 0, F = 1 MHz
All Colors
40
Thermal Resistance
R
θ
J-PIN
°C/W
LED Junction-to-Cathode
All Colors
240
Lead
Luminous Efficacy[3]
η
v
lm/W
Emitted Luminous Power/
Red (
λ
d = 626 nm)
150
Emitted Radiant Power
Red (
λ
d = 630 nm)
155
Amber (
λ
d = 590 nm)
480
Amber (
λ
d = 592 nm)
500
Blue (
λ
d = 470 nm)
70
Green (
λ
d = 526 nm)
540


Similar Part No. - HLMP-SL11-HLR00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11-HL0XX AVAGO-HLMP-SL11-HL0XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Similar Description - HLMP-SL11-HLR00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com