Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY267P Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY267P
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY267P Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY267P Datasheet HTML 3Page - Power Integrations, Inc. TNY267P Datasheet HTML 4Page - Power Integrations, Inc. TNY267P Datasheet HTML 5Page - Power Integrations, Inc. TNY267P Datasheet HTML 6Page - Power Integrations, Inc. TNY267P Datasheet HTML 7Page - Power Integrations, Inc. TNY267P Datasheet HTML 8Page - Power Integrations, Inc. TNY267P Datasheet HTML 9Page - Power Integrations, Inc. TNY267P Datasheet HTML 10Page - Power Integrations, Inc. TNY267P Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TNY263-268
G
4/05
Figure 14. 2.5 W Constant Voltage, Constant Current Battery Charger with Universal Input (85-265 VAC).
PI-2706-080404
+ 5 V
500 mA
RTN
D1
1N4005
C1
3.3
µF
400 V
Fusible
RF1
8.2
C3
0.1
µF
C7
10
µF
10 V
85-265
VAC
L1
2.2 mH
D2
1N4005
D3
1N4005
D4
1N4005
R2
200 k
U2
LTV817
D5
1N5819
Shield
L2
3.3
µH
C5
330
µF
16 V
C2
3.3
µF
400 V
C6
100
µF
35 V
R7
100
R4
1.2
1/2 W
Q1
2N3904
R8
270
VR1
BZX79-
B3V9
3.9 V
U1
TNY264
C3
2.2 nF
D6
1N4937
R6
1
1/2 W
T1
R1
1.2 k
1
8
4
5
R3
22
R9
47
C8 680 pF
Y1 Safety
TinySwitch-II
D
S
BP
EN/UV
The TinySwitch-II does not require a bias winding to provide
power to the chip, because it draws the power directly from
the DRAIN pin (see Functional Description above). This
has two main benefits. First, for a nominal application, this
eliminatesthecostofabiaswindingandassociatedcomponents.
Secondly, for battery charger applications, the current-voltage
characteristic often allows the output voltage to fall close to
zero volts while still delivering power. This type of application
normally requires a forward-bias winding which has many
more associated components. With TinySwitch-II, neither are
necessary.Forapplicationsthatrequireaverylowno-loadpower
consumption (50 mW), a resistor from a bias winding to the
BYPASS pin can provide the power to the chip. The minimum
recommended current supplied is 750 µA. The BYPASS pin in
thiscasewillbeclampedat6.3V.Thismethodwilleliminatethe
power draw from the DRAIN pin, thereby reducing the no-load
power consumption and improving full-load efficiency.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the TinySwitch-II. Current limit
operation provides good line ripple rejection and relatively
constant power delivery independent of input voltage.
BYPASS Pin Capacitor
The BYPASS pin uses a small 0.1 µF ceramic capacitor for
decoupling the internal power supply of the TinySwitch-II.
Application Examples
The TinySwitch-II is ideal for low cost, high efficiency power
supplies in a wide range of applications such as cellular phone
chargers, PC standby, TV standby,AC adapters, motor control,
appliance control and ISDN or a DSL network termination.
The 132 kHz operation allows the use of a low cost EE13 or
EF12.6 core transformer while still providing good efficiency.
The frequency jitter in TinySwitch-II makes it possible to use a
singleinductor(ortwosmallresistorsforunder3Wapplications
if lower efficiency is acceptable) in conjunction with two input
capacitors for input EMI filtering. The auto-restart function
removes the need to oversize the output diode for short circuit
conditions allowing the design to be optimized for low cost
and maximum efficiency. In charger applications, it eliminates
the need for a second optocoupler and Zener diode for open
loop fault protection.Auto-restart also saves the cost of adding
a fuse or increasing the power rating of the current sense
resistors to survive reverse battery conditions. For applications
requiring under-voltage lock out (UVLO), such as PC standby,
the TinySwitch-II eliminates several components and saves
cost. TinySwitch-II is well suited for applications that require
constant voltage and constant current output. As
TinySwitch-II
is always powered from the input high voltage, it
therefore does not rely on bias winding voltage. Consequently
this greatly simplifies designing chargers that must work down
to zero volts on the output.


Similar Part No. - TNY267P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
TNY267P POWERINT-TNY267P Datasheet
424Kb / 20P
   9W DVD power supply
TNY267P POWERINT-TNY267P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267P POWERINT-TNY267P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY267P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com