Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY275G Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TNY275G
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY275G Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TNY275G Datasheet HTML 1Page - Power Integrations, Inc. TNY275G Datasheet HTML 2Page - Power Integrations, Inc. TNY275G Datasheet HTML 3Page - Power Integrations, Inc. TNY275G Datasheet HTML 4Page - Power Integrations, Inc. TNY275G Datasheet HTML 5Page - Power Integrations, Inc. TNY275G Datasheet HTML 6Page - Power Integrations, Inc. TNY275G Datasheet HTML 7Page - Power Integrations, Inc. TNY275G Datasheet HTML 8Page - Power Integrations, Inc. TNY275G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
TNY274-280
E
2/06
Figure 4. Frequency Jitter.
MOSFET is controlled by this pin. MOSFET switching is
terminated when a current greater than a threshold current is
drawn from this pin. Switching resumes when the current being
pulled from the pin drops to less than a threshold current. A
modulation of the threshold current reduces group pulsing. The
threshold current is between 60 µA and 115 µA.
TheEN/UVpinalsosenseslineunder-voltageconditionsthrough
an external resistor connected to the DC line voltage. If there is
no external resistor connected to this pin, TinySwitch-III detects
its absence and disables the line under-voltage function.
SOURCE (S) Pin:
This pin is internally connected to the output MOSFET source
for high voltage power return and control circuit common.
TinySwitch-III
Functional
Description
TinySwitch-III
combinesahighvoltagepowerMOSFETswitch
withapowersupplycontrollerinonedevice.Unlikeconventional
PWM (pulse width modulator) controllers, it uses a simple
ON/OFF control to regulate the output voltage.
Thecontrollerconsistsofanoscillator,enablecircuit(senseand
logic), current limit state machine, 5.85 V regulator, BYPASS/
MULTI-FUNCTIONpinunder-voltage,overvoltagecircuit,and
current limit selection circuitry, over- temperature protection,
current limit circuit, leading edge blanking, and a 700 V power
MOSFET. TinySwitch-III incorporates additional circuitry for
line under-voltage sense, auto-restart, adaptive switching cycle
on-time extension, and frequency jitter. Figure 2 shows the
functional block diagram with the most important features.
Oscillator
The typical oscillator frequency is internally set to an average
of 132 kHz. Two signals are generated from the oscillator: the
maximum duty cycle signal (DC
MAX) and the clock signal that
indicates the beginning of each cycle.
The oscillator incorporates circuitry that introduces a small
amount of frequency jitter, typically 8 kHz peak-to-peak, to
minimize EMI emission. The modulation rate of the frequency
jitter is set to 1 kHz to optimize EMI reduction for both average
and quasi-peak emissions. The frequency jitter should be
measured with the oscilloscope triggered at the falling edge of
the DRAIN waveform. The waveform in Figure 4 illustrates
the frequency jitter.
Enable Input and Current Limit State Machine
The enable input circuit at the EN/UV pin consists of a low
impedance source follower output set at 1.2 V. The current
through the source follower is limited to 115 µA. When the
current out of this pin exceeds the threshold current, a low
logic level (disable) is generated at the output of the enable
circuit, until the current out of this pin is reduced to less than
the threshold current. This enable circuit output is sampled
at the beginning of each cycle on the rising edge of the clock
signal. If high, the power MOSFET is turned on for that cycle
(enabled). If low, the power MOSFET remains off (disabled).
Since the sampling is done only at the beginning of each cycle,
subsequent changes in the EN/UV pin voltage or current during
the remainder of the cycle are ignored.
The current limit state machine reduces the current limit by
discrete amounts at light loads when TinySwitch-III is likely to
switch in the audible frequency range. The lower current limit
raises the effective switching frequency above the audio range
andreducesthetransformerfluxdensity,includingtheassociated
audible noise. The state machine monitors the sequence of
enable events to determine the load condition and adjusts the
current limit level accordingly in discrete amounts.
Undermostoperatingconditions(exceptwhenclosetono-load),
the low impedance of the source follower keeps the voltage on
the EN/UV pin from going much below 1.2 V in the disabled
state. This improves the response time of the optocoupler that
is usually connected to this pin.
5.85 V Regulator and 6.4 V Shunt Voltage Clamp
The 5.85 V regulator charges the bypass capacitor connected
to the BYPASS pin to 5.85 V by drawing a current from the
voltage on the DRAIN pin whenever the MOSFET is off. The
BYPASS/MULTI-FUNCTIONpinistheinternalsupplyvoltage
node. When the MOSFET is on, the device operates from the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows TinySwitch-III to
operate continuously from current it takes from the DRAIN
pin. A bypass capacitor value of 0.1 µF is sufficient for both
high frequency decoupling and energy storage.
600
0
5
10
136 kHz
128 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0


Similar Part No. - TNY275G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY275G POWERINT-TNY275G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY275G POWERINT-TNY275G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY275GG-TL POWERINT-TNY275GG-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY275GN-TL POWERINT-TNY275GN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY275G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com