Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S640432E-L75 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4S640432E-L75
Description  4M x 4Bit x 4 Banks Synchronous DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S640432E-L75 Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S640432E-L75 Datasheet HTML 1Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 2Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 3Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 4Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 5Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 6Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 7Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 8Page - Samsung semiconductor K4S640432E-L75 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
K4S640432E
CMOS SDRAM
Rev.0.1 Sept. 2001
The K4S640432E is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 4,194,304 words by 4 bits,
fabricated with SAMSUNG
′s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable burst
length and programmable latencies allow the same device to be
useful for a variety of high bandwidth, high performance mem-
ory system applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
4M x 4Bit x 4 Banks Synchronous DRAM
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
K4S640432E-TC/L75
133MHz(CL=3)
LVTTL
54
TSOP(II)
K4S640432E-TC/L1H
100MHz(CL=2)
K4S640432E-TC/L1L
100MHz(CL=3)
Bank Select
Data Input Register
4M x 4
4M x 4
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
4M x 4
4M x 4
Timing Register
Samsung Electronics reserves the right to change products or specification without notice.
*


Similar Part No. - K4S640432E-L75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D-TC/L10 SAMSUNG-K4S640432D-TC/L10 Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D-TC/L1H SAMSUNG-K4S640432D-TC/L1H Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D-TC/L1L SAMSUNG-K4S640432D-TC/L1L Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D-TC/L75 SAMSUNG-K4S640432D-TC/L75 Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S640432E-L75

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V64420HG HYNIX-HY57V64420HG Datasheet
148Kb / 11P
   4 Banks x 4M x 4Bit Synchronous DRAM
logo
Samsung semiconductor
K4S640432F SAMSUNG-K4S640432F Datasheet
140Kb / 11P
   4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM44S32030 SAMSUNG-KM44S32030 Datasheet
116Kb / 10P
   8M x 4Bit x 4 Banks Synchronous DRAM
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
   16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com