Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-SM11 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HLMP-SM11
Description  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SM11 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-SM11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SM11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 8b. Representative spatial radiation pattern for minor axis.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
-90
0.4
-60
0
-30
15
45
90
-45
-15
30
60
-75
75
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
-90
0.4
-60
0
-30
15
45
90
-45
-15
30
60
-75
75
Intensity Bin Limits
(mcd at 20 mA)
Bin Name
Min.
Max.
E
85
110
F
110
140
G
140
180
H
180
240
J
240
310
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Tolerance for each bin limit is
± 15%.
Note:
1. Bin categories are established for
classification of products. Products may
not be available in all bin categories.
Figure 8a. Representative spatial radiation pattern for major axis.


Similar Part No. - HLMP-SM11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SM11 AVAGO-HLMP-SM11 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SM11-LP0XX AVAGO-HLMP-SM11-LP0XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Similar Description - HLMP-SM11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com