Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-RD11 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-RD11
Description  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-RD11 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-RD11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-RD11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4 mm Oval Precision Optical
Performance LED Lamps
Data Sheet
Features
• Well defined spatial radiation
pattern
• Viewing angle:
major axis 120
°
minor axis 60
°
• High luminous output
• Two red and amber intensity
levels
AlInGaP (bright) and
AlInGaP II (brightest)
• Colors
626/630 nm red
590/592 nm amber
526 nm green
470 nm blue
• Superior resistance to moisture
• UV resistant epoxy
Benefits
• Viewing angle designed for wide
field of view applications
• Superior performance for outdoor
environments
• Radiation pattern matched for red,
green, and blue for full color sign
Applications
• Full color signs
Description
These Precision Optical Perfor-
mance Oval LEDs are specifically
designed for Full Color/Video and
Passenger Information signs. The
oval shaped radiation pattern
(60
° x 120°) and high luminous
intensity ensure that these de-
vices are excellent for wide field
of view outdoor applications
where a wide viewing angle and
readability in sunlight are essen-
tial. These lamps have very
smooth, matched radiation pat-
terns ensuring consistent color
mixing in full color applications,
message uniformity across the
viewing angle of the sign.
High efficiency LED materials are
used in these lamps: Aluminum
Indium Gallium Phosphide
(AlInGaP) for Red and Amber
color and Indium Gallium Nitride
(InGaN) for Blue and Green.
There are two families of red and
amber lamps, AlInGaP and the
higher performance AlInGaP II.
Each lamp is made with an
advanced optical grade epoxy
offering superior high tempera-
ture and high moisture resistance
in outdoor applications. The
package epoxy contains both uv-a
and uv-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
Designers can select parallel
(where the axis of the leads is
parallel to the wide axis of the
oval radiation pattern) or perpen-
dicular orientation. Both lamps
are available in tinted version.
SunPower Series
Agilent HLMP-RG10, HLMP-SG10, HLMP-RL10, HLMP-SL10,
HLMP-RD11, HLMP-SD11, HLMP-RL11, HLMP-SL11,
HLMP-RM11, HLMP-SM11, HLMP-RB11, HLMP-SB11
CAUTION: The Blue and Green LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Agilent Technologies Application Note AN-1142 for additional details.


Similar Part No. - HLMP-RD11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RD11 HP-HLMP-RD11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RD11 AVAGO-HLMP-RD11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RD11 AVAGO-HLMP-RD11 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Agilent(Hewlett-Packard...
HLMP-RD11-J0000 HP-HLMP-RD11-J0000 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RD11-J0000 AVAGO-HLMP-RD11-J0000 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
More results

Similar Description - HLMP-RD11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com