Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVC162244 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74ALVC162244
Description  3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC162244 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74ALVC162244 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC162244 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC162244 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC162244 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC162244 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC162244 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVC162244
3.3VCMOS16-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
±5µA
IIL
Input LOW Current
VCC = 3.6V
VI = GND
±5µA
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
——
±10
µA
IOZL
(3-State Output pins)
VO = GND
±10
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
0.1
40
µA
ICCH
VIN = GND or VCC
ICCZ
∆ICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
750
µA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 4mA
1.9
IOH = – 6mA
1.7
VCC = 2.7V
IOH = – 4mA
2.2
IOH = – 8mA
2
VCC = 3V
IOH = – 6mA
2.4
IOH = – 12mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 4mA
0.4
IOL = 6mA
0.55
VCC = 2.7V
IOL = 4mA
0.4
IOL = 8mA
0.6
VCC = 3V
IOL = 6mA
0.55
IOL = 12mA
0.8
NOTE:
1. Typical values are at VCC = 3.3V, +25°C ambient.


Similar Part No. - IDT74ALVC162244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
More results

Similar Description - IDT74ALVC162244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC16244A IDT-IDT74ALVC16244A Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16244A RENESAS-IDT74ALVC16244A Datasheet
282Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2016
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVCH16244 RENESAS-IDT74ALVCH16244 Datasheet
270Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH162244 IDT-IDT74ALVCH162244 Datasheet
73Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162244 RENESAS-IDT74ALVCH162244 Datasheet
282Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH16244 IDT-IDT74ALVCH16244 Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com