Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT4160L04-70J3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLT4160L04-70J3
Description  4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT4160L04-70J3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLT4160L04-70J3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT4160L04-70J3 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
G -LINK
GLT4160L04
4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
May 2001 (Rev.3.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No. 24-2, Industry E. RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 6 -
AC Characteristics
TA =0
°C to 70°C , -20°C to 85°C V
CC = 3.3 V
± 0.3V, VIH/VIL = 3/0 V, V
OH/VOL = 2/0.8V
An initial pause of 200
µs and 8 CAS -before- RAS or RAS -only refresh cycles are required after power-up.
40
50
60
70
Parameter
Symbol Min. Max. Min. Max. Min. Max. Min. Max. Unit Notes
Read or Write Cycle Time
tRC
70
84
104
124
ns
Read Modify Write Cycle Time
tRWC
91
116
140
170
ns
RAS Precharge Time
tRP
25
30
40
50
ns
RAS Pulse Width
tRAS
40
10K
50
10k
60
10k
70
10k
ns
Access Time from RAS
tRAC
40
50
60
70
ns
1,2,3
Access Time from CAS
tCAC
12
13
15
20
ns 1,5,10
Access Time from Column Address
tAA
20
25
30
35
ns
1,5,6
CAS to Output Low-Z
tCLZ
0
3
3
3
ns
CAS to Output High-Z
tCEZ
3
8
3
13
3
15
3
20
ns
RAS Hold Time
tRSH
12
13
15
20
ns
CAS Hold Time
tCSH
34
38
45
50
ns
CAS Pulse Width
tCAS
7
10k
8
10k
10
10k
15
10k
ns
RAS to CAS Delay Time
tRCD
18
28
20
37
20
45
20
50
ns
RAS to Column Address Delay Time
tRAD
13
20
15
25
15
30
15
35
ns
7
CAS to RAS Precharge Time
tCRP
5
5
5
5
ns
Row Address Set-Up Time
tASR
0
0
0
0
ns
Row Address Hold Time
tRAH
8
10
10
10
ns
Column Address Set-Up Time
tASC
0
0
0
0
ns
Column Address Hold Time
tCAH
6
8
10
15
ns
Column Address to RAS Lead Time
tRAL
20
25
30
35
ns
Column Address Hold Time Referenced to RAS
tAR
34
40
45
50
ns
Read Command Set-Up Time
tRCS
0
0
0
0
ns
Read Command Hold Time Referenced to CAS
tRCH
0
0
0
0
ns
4
Read Command Hold Time Referenced to RAS
tRRH
0
0
0
0
ns
4
Write Command Set-Up Time
tWCS
0
0
0
0
ns
8,9
Write Command Hold Time
tWCH
6
10
10
15
ns
Write Command Pulse Width
tWP
6
10
10
15
ns
Write Command to RAS Lead Time
tRWL
12
13
15
30
ns
Write Command to CAS Lead Time
tCWL
8
8
10
15
ns


Similar Part No. - GLT4160L04-70J3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4160L04-70J3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com